Electronic Components Datasheet Search
  English  ▼

X  

AM625SIP Datasheet(PDF) 5 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 5 Page - Texas Instruments

  AM625SIP Datasheet HTML 1Page - Texas Instruments AM625SIP Datasheet HTML 2Page - Texas Instruments AM625SIP Datasheet HTML 3Page - Texas Instruments AM625SIP Datasheet HTML 4Page - Texas Instruments AM625SIP Datasheet HTML 5Page - Texas Instruments AM625SIP Datasheet HTML 6Page - Texas Instruments AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
3.1 Functional Block Diagram
Figure 3-1 shows the functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits
(SDKs), search for the AM62x Software Build Sheet located in the Downloads tab option provided
at Processor-SDK-AM62x.
Security Management Subsystem (SMS)
512KB L2 with ECC
2x Arm®
Cortex -A53
®
Arm
®
®
Cortex -A53
Arm
®
®
Cortex -A53
TRNG
MD5
SHA
AES
PKA
DRBG
Secure Boot
3x eCAP
3x ePWM
3x SPI
8x UART
OSPI
CAN-FD
2x USB 2.0
2-port Gb Ethernet w/ 1588
General Connectivity (Main Domain)
Arm
®
®
Cortex -M4F
256KB TCM
MCUSS With FFI
HSM
System Services
IPC
DMA
Device/Power
Manager
Debug
System
Monitor
Firewall
Secure
Boot
DCC
ECC
ESM
Timers
3x eQEP
5x I2C
GPIO
Multimedia
3D Graphics
Processing Unit
CSI2 w/ DPHY
3x McASP
2x Display
with DPI
and OLDI / LVDS
PRUSS
2x SPI
UART
2x CAN-FD
I2C
General Connectivity
(MCUSS)
GPIO
426KB SRAM
AM625SIP
Application Cores
2x Arm®
Cortex -A53
®
Arm
®
®
Cortex -A53
Arm
®
®
Cortex -A53
System Memory
GPMC
3x MMCSD
Integrated LPDDR4
SDRAM
(16b)
64KB OCRAM
with ECC
Figure 3-1. Functional Block Diagram
www.ti.com
AM625SIP
SPRSP98 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com