Electronic Components Datasheet Search
  English  ▼

X  

AM625SIP Datasheet(PDF) 8 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 4Page - Texas Instruments AM625SIP Datasheet HTML 5Page - Texas Instruments AM625SIP Datasheet HTML 6Page - Texas Instruments AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Table 4-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM625SIP
AM625 (1)
AM6254
AM6254
Industrial Communication Subsystem
Support(4)
PRUSS
No
Gigabit Ethernet Interface
CPSW3G
Yes
General-Purpose Timers
TIMER
12 (4 in MCU Channel)
Enhanced Pulse-Width Modulator Module
EPWM
3
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
9
CSI2-RX Controller with DPHY
CSI-RX
1
USB2.0 Controller with PHY
USB 2.0
2
(1)
This column is only provided as a quick reference of device feature relative to the AM625 family of devices. Refer to the AM62x Sitara
Processors Datasheet for more information on AM625 feature codes, speed grades, and optional features.
(2)
For more details about the WKUP_MMR0_JTAG_USER_ID register and DEVICE_ID bit field, see the device TRM.
(3)
One flash interface, configured as OSPI0 or QSPI0.
(4)
Industrial Communication Subsystem support is not available for this family of devices.
AM625SIP
SPRSP98 – NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com