Electronic Components Datasheet Search
  English  ▼

X  

AM625SIP Datasheet(PDF) 12 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments AM625SIP Datasheet HTML 14Page - Texas Instruments AM625SIP Datasheet HTML 15Page - Texas Instruments AM625SIP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Table 5-1. Reassigned DDRSS0 Pins on the AMK Package (continued)
BALL
NUMBER
BALL NAME
Signal Description
E1
VSS
Ground
(Connects to the SDRAM VSS and VSSQ grounds)
E2
E3
F1
F3
F4
G5
H5
H6
J1
J2
J3
J4
K1
K2
K3
K4
L1
L2
L5
L6
M1
M5
N6
P1
P4
P5
R1
R5
R6
T1
T4
U3
V1
V5
V6
W1
W5
Y1
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VDDS_MEM_1P1. The maximum power dissipation for the
resistor is 8.33 mW.
AM625SIP
SPRSP98 – NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com