Electronic Components Datasheet Search
  English  ▼

X  

AM625SIP Datasheet(PDF) 14 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments AM625SIP Datasheet HTML 14Page - Texas Instruments AM625SIP Datasheet HTML 15Page - Texas Instruments AM625SIP Datasheet HTML 16Page - Texas Instruments AM625SIP Datasheet HTML 17Page - Texas Instruments AM625SIP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
6.3 Recommended Operating Conditions
Note
The values defined in the Recommended Operating Conditions table were taken from the integrated
LPDDR4 SDRAM datasheet. For additional recommended operating condition details associated
with the integrated LPDDR4 SDRAM, see the Integrated Silicon Solution (ISSI®) IS43/46LQ16256B
Datasheet
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDS_MEM_1P1(2)
SDRAM IO supply
1.06
1.10
1.17
V
VDDS_MEM_1P8
SDRAM Core supply
1.70
1.80
1.95
V
TJ
Operating junction temperature range
Industrial
–40
95
°C
(1)
The voltage at the device ball must never drop below the MIN voltage or rise above the MAX voltage for any amount of time during
normal device operation.
(2)
VDDS_MEM_1P1 must be sourced from the same power source as VDDS_DDR.
AM625SIP
SPRSP98 – NOVEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com