Electronic Components Datasheet Search
  English  ▼

X  

AP1580 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1580
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1580 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1580 Datasheet HTML 1Page - Diodes Incorporated AP1580 Datasheet HTML 2Page - Diodes Incorporated AP1580 Datasheet HTML 3Page - Diodes Incorporated AP1580 Datasheet HTML 4Page - Diodes Incorporated AP1580 Datasheet HTML 5Page - Diodes Incorporated AP1580 Datasheet HTML 6Page - Diodes Incorporated AP1580 Datasheet HTML 7Page - Diodes Incorporated AP1580 Datasheet HTML 8Page - Diodes Incorporated AP1580 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP1580
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
5 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Line Regulation
Load Regulation
Frequency vs. Vin
Iccq vs. Vin
0
1
2
3
4
5
6
7
8
9
1215 1821 2427 3033 3639
VIN (V)
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0123
Iout (A)
VIN=24V
Vout=5V
VIN=12V
250
260
270
280
290
300
310
320
330
340
350
912 15 18 21 24 27 30 33 36 39
VIN (V)
-2.00
-1.60
-1.20
-0.80
-0.40
0.00
0.40
0.80
1.20
1.60
2.00
9
12
15 18
21
24
27
30 33
36
39
VIN (V)
-1.50
-1.20
-0.90
-0.60
-0.30
0.00
0.30
0.60
0.90
1.20
1.50
0
0.5
1
1.5
2
2.5
3
Iout(A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com