Electronic Components Datasheet Search
  English  ▼

X  

AP1580 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1580
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1580 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1580 Datasheet HTML 1Page - Diodes Incorporated AP1580 Datasheet HTML 2Page - Diodes Incorporated AP1580 Datasheet HTML 3Page - Diodes Incorporated AP1580 Datasheet HTML 4Page - Diodes Incorporated AP1580 Datasheet HTML 5Page - Diodes Incorporated AP1580 Datasheet HTML 6Page - Diodes Incorporated AP1580 Datasheet HTML 7Page - Diodes Incorporated AP1580 Datasheet HTML 8Page - Diodes Incorporated AP1580 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1580
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
1 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
Input Voltage: 10V to 40V
•
Adjustable Output Voltage from 0.8V to 0.9Vcc
•
Duty Ratio: 0% to 90% PWM control
•
Oscillation Frequency: 300KHz typical
•
Short Circuit Protect Frequency: 30 KHz
•
2uA Maximum Standby Current
•
Current Limit, Enable Function
•
Thermal Shutdown Function
•
Built-in Internal SW N-channel MOS
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
•
Lead-Free Package: SOP-8L
AP1580 consists of step-down switching regulator with PWM control.
These devices include a reference voltage source, oscillation circuit,
error amplifier and internal NMOS.
AP1580 provides low-ripple power, high efficiency and excellent
transient characteristics. The PWM control circuit is able to vary the
duty ratio linearly from 0 up to 90%. An enable function, an over
current protect function and a short circuit protect function are built
inside, and when OCP or SCP happens, the operation frequency
will be reduced from 300 KHz to 30 KHz. Also, an internal
compensation block is built to minimize external component count.
With built-in power NMOS, a step-down switching regulator is easy
to be built by adding a coil, capacitors and a diode.
The high efficiency (>90%), low standby current, high input
voltage (40V) and output current (3A) combining with small
SOP-8L package give AP1580 unprecedented advantage in high
power system applications.
•
Microprocessor Core Supply
•
Networking Power Supply
•
LCD MNT, TV Power Supply
•
Telecom Power Supply
Ordering Information
AP 1580 X
X
Package
Packing
- U : Tube
-13 : Taping
X
Lead - Free
L : Lead Free
S: SOP- 8L
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1580S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP1580

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP1588 TELEDYNE-AP1588 Datasheet
160Kb / 2P
1200 TO 1600 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AP1580

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com