Electronic Components Datasheet Search
  English  ▼

X  

AP1580 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1580
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1580 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1580 Datasheet HTML 1Page - Diodes Incorporated AP1580 Datasheet HTML 2Page - Diodes Incorporated AP1580 Datasheet HTML 3Page - Diodes Incorporated AP1580 Datasheet HTML 4Page - Diodes Incorporated AP1580 Datasheet HTML 5Page - Diodes Incorporated AP1580 Datasheet HTML 6Page - Diodes Incorporated AP1580 Datasheet HTML 7Page - Diodes Incorporated AP1580 Datasheet HTML 8Page - Diodes Incorporated AP1580 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP1580
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
7 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Test Circuit
A
FB
Vcc
GND
EN
open
open
FB
Vcc
GND
EN
+
-
OUTPUT
OUTPUT
A
FB
Vcc
GND
EN
+
-
+
-
V
OUTPUT
Vboost
open
Vboost
Vboost
Enable function test
Feedback function test
Operation function test
220uF
0.1uF
33uH
470uF
680 ohm
130 ohm
Function Description
PWM Control
The AP1580 consists of DC/DC converters that employ a
pulse-width modulation (PWM) system. The PWM controller is
internally clocked by a fixed 300KHz oscillator.
In converters of the AP1580, the pulse width varies in a range
from 0 to 90%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter
because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of
input voltage and load current.
Enable Control
This input provides an electrical ON/OFF control of the power
supply. Connecting this pin to ground or to any voltage less than
0.8V will completely turn OFF the regulator. The current drain
from the input supply when OFF is only 2uA.
C BOOST
A capacitor must be connected from pin 3 to the switch output,
pin 4. This capacitor boosts the gate drive to the internal
MOSFET above Vin to fully turn it ON. This minimizes conduction
losses in the power switch to maintain high efficiency. The
recommended value for C Boost is 0.1uF.
FEEDBACK
This is the input to a two-stage high gain amplifier, which drivers
the PWM controller. It is necessary to connect pin 2 to the actual
output of the power supply to set the DC output voltage. Two
external resistors are required to set the DC output voltage. For
stable operation of the power supply, it is important to prevent
coupling of any inductor flux to the feedback input.
Current Limit
The current limit threshold is set by the internal circuit that
minimum switching current is 4A. The output voltage will be
reduced immediately and switching frequency will be dropped to
30KHz when switching current over limit threshold.
Thermal shutdown
The thermal shutdown temperature depends on internal junction
temperature. When junction temperature rises up to 140℃, the
device will be shut down and it will be recovered after
temperature reduced lower than 90℃.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com