Electronic Components Datasheet Search
  English  ▼

X  

AP1580 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1580
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1580 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1580 Datasheet HTML 1Page - Diodes Incorporated AP1580 Datasheet HTML 2Page - Diodes Incorporated AP1580 Datasheet HTML 3Page - Diodes Incorporated AP1580 Datasheet HTML 4Page - Diodes Incorporated AP1580 Datasheet HTML 5Page - Diodes Incorporated AP1580 Datasheet HTML 6Page - Diodes Incorporated AP1580 Datasheet HTML 7Page - Diodes Incorporated AP1580 Datasheet HTML 8Page - Diodes Incorporated AP1580 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1580
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
4 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP1580
+
-
GN
D
EN
C
C
R
A
R
B
D1
FB
Vcc
Output
V
OUT
V
IN
C
OUT
C
IN
1nF
C
EN
R
EN
100K
Note: V
OUT = VFB x (1+RA/RB)
R
B = 100 ~ 300 ohm
L1
680 ohm
130 ohm
0.1uF
470uF
220uF
Vboost
Cboost 0.1uF
33uH
=5V
PDS 540



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com