Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96-MS Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN91C96-MS
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96-MS Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN91C96-MS Datasheet HTML 15Page - SMSC Corporation LAN91C96-MS Datasheet HTML 16Page - SMSC Corporation LAN91C96-MS Datasheet HTML 17Page - SMSC Corporation LAN91C96-MS Datasheet HTML 18Page - SMSC Corporation LAN91C96-MS Datasheet HTML 19Page - SMSC Corporation LAN91C96-MS Datasheet HTML 20Page - SMSC Corporation LAN91C96-MS Datasheet HTML 21Page - SMSC Corporation LAN91C96-MS Datasheet HTML 22Page - SMSC Corporation LAN91C96-MS Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC LAN91C965v&3v
Page 19
Rev. 03-28-07
DATASHEET
PIN NO.
TQFP
QFP
PIN NAME
TYPE
DESCRIPTION
91
93
nEN16
I with
pullup
**
Input. When low the LAN91C96 is configured for 16 bit
bus operation. If left open the LAN91C96 works in 8 bit
bus mode. 16 bit configuration can also be
programmed via serial EEPROM or software
initialization of the CONFIGURATION REGISTER.
94
96
XTAL1
Iclk
**
An external parallel resonance 20MHz crystal should
be connected across these pins. If an external clock
source is used, it should be connected to this pin
(XTAL1) and XTAL2 should be left open.
95
97
XTAL2
Iclk
An external parallel resonance 20MHz crystal should
be connected across these pins. If an external clock
source is used, it should be connected to XTAL1 and
this pin (XTAL2) should be left open.
83
82
85
84
RECP/
RECN
Diff. Input
**
AUI receive differential inputs.
77
76
79
78
TXP/nCOLL
TXN/nCRS
Diff.
Output
INTERNAL ENDEC - (nXENDEC pin open). In this
mode TXP and TXN are the AUI transmit differential
outputs. They must be externally pulled up using 150
ohm resistors.
I
**
EXTERNAL ENDEC - (nXENDEC pin tied low). In this
mode the pins are inputs used for collision and carrier
sense functions.
81
80
83
82
COLP
COLN
Diff.
Input
**
AUI collision differential inputs. A collision is indicated
by a 10MHz signal at this input pair.
85
84
87
86
TPERXP
TPERXN
Diff.
Input
**
10BASE-T receive differential inputs.
75
73
77
75
TPETXP
TPETXN
Diff.
Output
INTERNAL ENDEC - 10BASE-T transmit differential
outputs.
72
74
74
76
TPETXDP
TPETXDN
Diff.
Output
10BASE-T delayed transmit differential outputs. Used
in combination with TPETXP and TPETXN to generate
the 10BASE-T transmit pre-distortion.
66
68
PWRDWN/
TXCLK
I with
pullup
**
INTERNAL ENDEC - Powerdown input. It keeps the
LAN91C96 in powerdown mode when high (open).
Must be low for normal operation.
EXTERNAL ENDEC - Transmit clock input from
external ENDEC.
88
90
RBIAS
Analog
Input
A resistor should be connected between this pin and
analog ground to determine the receive threshold
voltage of TX Receive, AUI Receive, AUI Collision
Receive, and AUI transmit voltage.
90
92
nXENDEC
I with
pullup
**
When tied low the LAN91C96 is configured for
EXTERNAL ENDEC. When tied high or left open the
LAN91C96 will use its internal encoder/decoder.
11,19,
48,59,
98,38
13,21,40,
50,
61,100
VDD
+5V power supply pins or 3.3V power supply pins
(Revisions E and later)
71,79,
89
73,81,
91
AVDD
+5V analog power supply pins or 3.3V power supply
pins (Revisions E and later)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com