Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96-MS Datasheet(PDF) 92 Page - SMSC Corporation

Part # LAN91C96-MS
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96-MS Datasheet(HTML) 92 Page - SMSC Corporation

Back Button LAN91C96-MS Datasheet HTML 88Page - SMSC Corporation LAN91C96-MS Datasheet HTML 89Page - SMSC Corporation LAN91C96-MS Datasheet HTML 90Page - SMSC Corporation LAN91C96-MS Datasheet HTML 91Page - SMSC Corporation LAN91C96-MS Datasheet HTML 92Page - SMSC Corporation LAN91C96-MS Datasheet HTML 93Page - SMSC Corporation LAN91C96-MS Datasheet HTML 94Page - SMSC Corporation LAN91C96-MS Datasheet HTML 95Page - SMSC Corporation LAN91C96-MS Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
Rev. 03-28-07
Page 92
SMSC LAN91C965v&3v
DATASHEET
Chapter 11 Operational Description
11.1
Maximum Guaranteed Ratings*
Operating Temperature Range ...................................................................................................0
°C to 70°C
Storage Temperature Range ...............................................................................................-55
°C to +150°C
Lead Temperature Range (soldering, 10 seconds) ............................................................................+325
°C
Positive Voltage on any pin, with respect to Ground .....................................................................VCC + 0.3V
Negative Voltage on any pin, with respect to Ground ........................................................................... -0.3V
Maximum VCC .......................................................................................................................................... +7V
*Stresses above those listed above could cause permanent damage to the device. This is a stress rating
only and functional operation of the device at any other condition above those indicated in the operation
sections of this specification is not implied.
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be
used.
11.2
DC Electrical Characteristics
(TA =0°C to 70°C, VCC = +5.0 V ± 10%, or VCC = +3.3 V ± 10% as noted for Revisions E and later)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Input Voltage Levels for Vcc = 5.0V
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
250
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com