Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96-MS Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN91C96-MS
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96-MS Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN91C96-MS Datasheet HTML 40Page - SMSC Corporation LAN91C96-MS Datasheet HTML 41Page - SMSC Corporation LAN91C96-MS Datasheet HTML 42Page - SMSC Corporation LAN91C96-MS Datasheet HTML 43Page - SMSC Corporation LAN91C96-MS Datasheet HTML 44Page - SMSC Corporation LAN91C96-MS Datasheet HTML 45Page - SMSC Corporation LAN91C96-MS Datasheet HTML 46Page - SMSC Corporation LAN91C96-MS Datasheet HTML 47Page - SMSC Corporation LAN91C96-MS Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
Rev. 03-28-07
Page 44
SMSC LAN91C965v&3v
DATASHEET
TXENA - Transmit enabled when set. Transmit is disabled if clear. When the bit is cleared the LAN91C96
will complete the current transmission before stopping. When stopping due to an error, this bit is
automatically cleared.
Table 7.1 - Transmit Loop
AUI
FDSE
FDUPLX
EPH_LOOP
LOOP
LOOPS AT
TRANSMITS
TO NETWORK
X
X
X
1
X
EPH Block
No
X
X
1
0
1
ENDEC
No
1
0
1
0
0
Cable
Yes
0
0
1
0
0
10BASE-T Driver
Yes
X
0
0
0
0
NORMAL CSMA/CD -
No Loopback
Yes
X
1
1
0
0
FULL DUPLEX
SWITCHED
ETHERNET - No
loopback and No
SQET
Yes
I/O SPACE - BANK0
OFFSET
NAME
TYPE
SYMBOL
2
EPH STATUS REGISTER
READ ONLY
EPHSR
This register stores the status of the last transmitted frame. This register value, upon individual transmit
packet completion, is stored as the first word in the memory area allocated to the packet. Packet interrupt
processing should use the copy in memory as the register itself will be updated by subsequent packet
transmissions. The register can be used for real time values (like TXENA and LINK OK). If TXENA is
cleared the register holds the last packet completion status.
TX
UNRN
LINK_
OK
RES
CTR
_ROL
EXC
_DEF
LOST
CARR
LATCOL
WAKEUP
0
0
0
0
0
0
0
0
TX
DEFR
LTX
BRD
SQET
16COL
LTX
MULT
MUL
COL
SNGL
COL
TX_SUC
0
0
0
0
0
0
0
0
TXUNRN - Transmit Under run. Set if Under run occurs, it also clears TXENA bit in TCR. Cleared by
setting TXENA high. This bit should never be set under normal operation.
LINK_OK - State of the 10BASE-T Link Integrity Test. A transition on the value of this bit generates an
interrupt when the LE ENABLE bit in the Control Register is set.
RES – This bit is reserved and will always return a zero(0).
CTR_ROL - Counter Roll over. When set one or more 4 bit counters have reached maximum count (15).
Cleared by reading the ECR register.
EXC_DEF - Excessive deferral. When set last/current transmit was deferred for more than 1518 * 2 byte
times. Cleared at the end of every packet sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com