Electronic Components Datasheet Search
  English  ▼

X  

LAN91C96-MS Datasheet(PDF) 37 Page - SMSC Corporation

Part # LAN91C96-MS
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96-MS Datasheet(HTML) 37 Page - SMSC Corporation

Back Button LAN91C96-MS Datasheet HTML 33Page - SMSC Corporation LAN91C96-MS Datasheet HTML 34Page - SMSC Corporation LAN91C96-MS Datasheet HTML 35Page - SMSC Corporation LAN91C96-MS Datasheet HTML 36Page - SMSC Corporation LAN91C96-MS Datasheet HTML 37Page - SMSC Corporation LAN91C96-MS Datasheet HTML 38Page - SMSC Corporation LAN91C96-MS Datasheet HTML 39Page - SMSC Corporation LAN91C96-MS Datasheet HTML 40Page - SMSC Corporation LAN91C96-MS Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC LAN91C965v&3v
Page 37
Rev. 03-28-07
DATASHEET
Chapter 6
Frame Format in Buffer Memory for
Ethernet
The frame format in memory is similar to that in the TRANSMIT and RECEIVE areas. The first word is
reserved for the status word, the next word is used to specify the total number of bytes, and that in turn is
followed by the data area. The data area holds the packet itself, and its length is determined by the byte
count. The frame memory format is word oriented.
Figure 6.1 – Data Frame Format
TRANSMIT PACKET
RECEIVE PACKET
STATUS WORD
Written by CSMA upon transmit
completion (see Status Register)
Written by CSMA upon receive
completion (see RX Frame
Status Word)
BYTE COUNT
Written by CPU
Written by CSMA
DATA AREA
Written/modified by CPU
Written by CSMA
CONTROL BYTE
Written by CPU to control
ODD/EVEN data bytes
Written by CSMA. Also has
ODD/EVEN bit
BYTE COUNT - Divided by two, it defines the total number of words, including the STATUS WORD, the
BYTE COUNT WORD, the DATA AREA and the CONTROL BYTE.
The receive byte count always
appears as even, the ODDFRM bit of the receive status word indicates if the low byte of the last word is
RESERVED
BYTE COUNT (always even)
STATUS WORD
DATA AREA
LAST DATA BYTE (if odd)
bit0
bit15
RAM
OFFSET
(DECIMAL)
0
2
4
1534 Max
CONTROL BYTE
Last Byte
1st Byte
2nd Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com