Electronic Components Datasheet Search
  English  ▼

X  

MA5342MS Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # MA5342MS
Description  2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5342MS Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button MA5342MS Datasheet HTML 26Page - Infineon Technologies AG MA5342MS Datasheet HTML 27Page - Infineon Technologies AG MA5342MS Datasheet HTML 28Page - Infineon Technologies AG MA5342MS Datasheet HTML 29Page - Infineon Technologies AG MA5342MS Datasheet HTML 30Page - Infineon Technologies AG MA5342MS Datasheet HTML 31Page - Infineon Technologies AG MA5342MS Datasheet HTML 32Page - Infineon Technologies AG MA5342MS Datasheet HTML 33Page - Infineon Technologies AG MA5342MS Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Datasheet
30 of 63
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5342MS
Table 7
Peak power without heatsink
Load (Ω) ±Vbus (V)
10 percent THD+N power
(W)
Duration
8
44
144
More than 1 minute no thermal shutdown
4
24.5
85
Figure 18
Peak power Pout = 144W x 2 with 8 Ω load ±44 V
Note:
Maximum temperature 175°C at 1 minute.
Figure 19
Peak power Pout = 85W x 2 with 4 Ω load ±24.5 V
Note:
Maximum temperature 175°C at 1 minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com