Electronic Components Datasheet Search
  English  ▼

X  

MA5342MS Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # MA5342MS
Description  2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5342MS Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button MA5342MS Datasheet HTML 45Page - Infineon Technologies AG MA5342MS Datasheet HTML 46Page - Infineon Technologies AG MA5342MS Datasheet HTML 47Page - Infineon Technologies AG MA5342MS Datasheet HTML 48Page - Infineon Technologies AG MA5342MS Datasheet HTML 49Page - Infineon Technologies AG MA5342MS Datasheet HTML 50Page - Infineon Technologies AG MA5342MS Datasheet HTML 51Page - Infineon Technologies AG MA5342MS Datasheet HTML 52Page - Infineon Technologies AG MA5342MS Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Datasheet
49 of 63
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5342MS
11.3
Over Temperature Protection (OTP)
If the junction temperature TJ of the controller IC exceeds the on-chip thermal shutdown threshold, TSD, the on-
chip over temperature protection shuts down the PWM.
11.4
Under Voltage Protection (UVP)
In order to prevent a partial on-state of the internal MOSFET, under-voltage protection monitors the low side and
high side gate bias supplies, VCC and VB. When VCC is below UVLO, both high and low side MOSFETs are turned
off. When the high side supply VBS is below the UVLO threshold, the high side output is disabled, while the low
side works normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com