Electronic Components Datasheet Search
  English  ▼

X  

MA5342MS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA5342MS
Description  2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5342MS Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA5342MS Datasheet HTML 1Page - Infineon Technologies AG MA5342MS Datasheet HTML 2Page - Infineon Technologies AG MA5342MS Datasheet HTML 3Page - Infineon Technologies AG MA5342MS Datasheet HTML 4Page - Infineon Technologies AG MA5342MS Datasheet HTML 5Page - Infineon Technologies AG MA5342MS Datasheet HTML 6Page - Infineon Technologies AG MA5342MS Datasheet HTML 7Page - Infineon Technologies AG MA5342MS Datasheet HTML 8Page - Infineon Technologies AG MA5342MS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
V 2.1
www.infineon.com
page 1 of 63
11/2/2023
MA5342MS
2x200W Class D Amplifier, with Analog Inputs
and Integrated 49.2mΩ RDS(ON) Output Stage
Features
Integrated output stage with 49.2mΩ of Typ. RDS(ON)
2 x 200W POUT in stereo mode (8Ω, THD=10%)
2 x 190W POUT in stereo mode (4Ω, THD=10%)
1 x 400W POUT in mono mode (16Ω, THD=10%)
1 x 360W POUT in mono mode (8Ω, THD=10%)
Supports both single and split supplies
o Split supply operational range: ±30 – ±60V
o Single supply Operational range: +60 – +120V
95% full load efficiency into 8Ω
>70% idle mode efficiency
Open-drain flag indicators for clipping and Fault conditions
Multiple configuration: single-ended, BTL & PSE (Parallel Single Ended)
Programmable power up delay timer (CSD)
o Click and pop free startup and shutdown
Integrated protection: OCP, OTP & UVLO
Pin to pin compatible to MA53x2 family
Available in QFN 7m x7m – 42 pin
Applications
Multi-channel home theatre
Studio monitor
Active speaker
Subwoofer
Marine amplifiers
Aftermarket car audio
General-purpose audio power amplifier
Product validation
Qualified for standard applications according to the relevant tests of J-STD-020 and JESD47.
Product type
Package
MA5342MS
7x7mm PG- IQFN-42
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Outpower(W)
4ohm
6ohm
8ohm
Total Harmonic Distortion
PG-IQFN-42


Similar Part No. - MA5342MS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA5342MS INFINEON-MA5342MS Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
2023-11-21,Rev.2.1
MA5342MSXUMA1 INFINEON-MA5342MSXUMA1 Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
2023-11-21,Rev.2.1
More results

Similar Description - MA5342MS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
MA5302MS INFINEON-MA5302MS Datasheet
3Mb / 60P
2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
V 2.1 11/2/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com