Electronic Components Datasheet Search
  English  ▼

X  

MUR4100 Datasheet(PDF) 2 Page - RFE international

Part # MUR4100
Description  Super Fast Rectifier MUR420 Through MUR4100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MUR4100 Datasheet(HTML) 2 Page - RFE international

  MUR4100 Datasheet HTML 1Page - RFE international MUR4100 Datasheet HTML 2Page - RFE international MUR4100 Datasheet HTML 3Page - RFE international MUR4100 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Reverse Recovery Time
TRR
ns
Tj=25
IF=1A di/dt=-50A/us
VRM=30V
-
31
-
Tj=25
IF=4A
di/dt=-200A/us
VRM=100V
-
23
-
Tj=125
-
39
-
Peak recovery current
IRRM
A
Tj=25
-
4.1
-
Tj=125
-
7.0
-
Reverse recovery charge
Qrr
nC
Tj=25
-
47.4
-
Tj=125
-
136.8
-
Non-repetitive avalanche energy
EAS
mJ
Tj=25
IR=2.4 A L=15 mH
43.2
-
-
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Reverse Recovery Time
TRR
ns
Tj=25
IF=1A di/dt=-50A/us
VRM=30V
-
47
-
Tj=25
IF=4A
di/dt=-200A/us
VRM=200V
-
49
-
Tj=125
-
78
-
Peak recovery current
IRRM
A
Tj=25
-
6.7
-
Tj=125
-
10.2
-
Reverse recovery charge
Qrr
nC
Tj=25
-
163.8
-
Tj=125
-
397.2
-
Non-repetitive avalanche energy
EAS
mJ
Tj=25
IR=2.4 A L=15 mH
43.2
-
-
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Reverse Recovery Time
TRR
ns
Tj=25
IF=1A di/dt=-50A/us
VRM=30V
-
51
-
Tj=25
IF=4A
di/dt=-200A/us
VRM=400V
-
64
-
Tj=125
-
114
-
Peak recovery current
IRRM
A
Tj=25
-
7.4
-
Tj=125
-
11.2
-
Reverse recovery charge
Qrr
nC
Tj=25
-
235.8
-
Tj=125
-
635.8
-
Non-repetitive avalanche energy
EAS
mJ
Tj=25
IR=2.8A L=15 mH
58.8
-
-
Super Fast Rectifier
MUR420 Through MUR4100 DO-201AD(DO-27)
09-30-2022
Page 2 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DYNAMIC CHARACTERISTICS
MUR420
MUR440 THROUGH MUR460
MUR480



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com