Electronic Components Datasheet Search
  English  ▼

X  

MUR4100 Datasheet(PDF) 4 Page - RFE international

Part # MUR4100
Description  Super Fast Rectifier MUR420 Through MUR4100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MUR4100 Datasheet(HTML) 4 Page - RFE international

  MUR4100 Datasheet HTML 1Page - RFE international MUR4100 Datasheet HTML 2Page - RFE international MUR4100 Datasheet HTML 3Page - RFE international MUR4100 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DO-201AD(DO-27)
Dim
Min
Max
A
8.50
9.50
B
5.00
5.60
C
25.4
/
D
1.20
1.30
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.6
0.8
1.0
1.2
1.4
0.1
100
1.0
10
2.0
1.6
1.8
MUR420
MUR440-MUR460
MUR480-MUR4100
Dimensions in millimeters
DO-201AD(DO-27)
0
trr
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
-0.25A
-1.0A
+0.5A
1cm
SET TIME BASE FOR
5/10ns/cm
50
NONINDUCTIVE
10
NONINDUCTIVE
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE1)
DUT
1
NONINDUCTIV
NOTES:
1.Rise Time=7ns max .Inpot Impedance=1M
22pf
2.Rise Time=10ns max.Sourse Impedance=50
Tj=25
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Tj=125
Tj=100
Super Fast Rectifier
MUR420 Through MUR4100 DO-201AD(DO-27)
09-30-2022
Page 4 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
OUTLINE DIMENSIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com