Electronic Components Datasheet Search
  English  ▼

X  

MUR4100 Datasheet(PDF) 1 Page - RFE international

Part # MUR4100
Description  Super Fast Rectifier MUR420 Through MUR4100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MUR4100 Datasheet(HTML) 1 Page - RFE international

  MUR4100 Datasheet HTML 1Page - RFE international MUR4100 Datasheet HTML 2Page - RFE international MUR4100 Datasheet HTML 3Page - RFE international MUR4100 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultrafast reverse recovery time
Low leakage current
Low switching losses, high efficiency
High forward surge capability
Glass passivated chip junction
Solder dip 275 °C max. 7 s, per JESD 22-B106
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters
for consumer, computer and telecommunication.
Package: DO-201AD(DO-27)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Color band denotes the cathode end
PARAMETER
SYMBOL
UNIT
MUR420
MUR440
MUR460
MUR480
MUR4100
Device marking code
MUR420
MUR440
MUR460
MUR480
MUR4100
Maximum Repetitive Peak Reverse Voltage
VRRM
V
200
400
600
800
1000
Maximum RMS Voltage
VRMS
V
140
280
420
560
700
Maximum DC blocking Voltage
VDC
V
200
400
600
800
1000
Average Forward Current
@60Hz sine wave, Resistance load, Ta =50
IF(AV)
0
.
4
A
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Tj=25
IFSM
A
125
Forward Surge Current (Non-repetitive)
@1ms, square wave, 1 cycle, Tj=25
250
Current squared time
@1ms t 8.3ms Tj=25
Rating of per diode
I2t
A2s
65
Typical junction capacitance
@Measured at 1MHz and Applied Reverse
Voltage of 4.0 V.D.C
Cj
pF
60
51
45
50
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
-55 ~ +150
Super Fast Rectifier
MUR420 Through MUR4100 DO-201AD(DO-27)
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
MUR420
MUR440
MUR460
MUR480 MUR4100
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=4.0A
0.89
1.28
1.85
Maximum DC reverse current at
rated DC blocking voltage per
diode
IR
A
Tj =25
2.5
Tj =125
100
Maximum reverse recovery time
trr
ns
IF=0.5A,IR=1.0A,
Irr=0.25A
5
7
0
5
5
2
09-30-2022
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - MUR4100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR4100 MCC-MUR4100 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
MUR4100 CHENYI-MUR4100 Datasheet
58Kb / 2P
4Amp super fast recovery rectifier 50to1000 volts
logo
Gulf Semiconductor
MUR4100 GULFSEMI-MUR4100 Datasheet
142Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 1000V CURRENT:4.0A
logo
Shenzhen Ping Sheng Ele...
MUR4100 PFS-MUR4100 Datasheet
166Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR4100 MCC-MUR4100 Datasheet
431Kb / 3P
4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - MUR4100

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
logo
RFE international
E1A RFE-E1A Datasheet
2Mb / 4P
Surface Mount Super Fast Recovery Rectifier E1A Through E1J
10-12-2022
E1AF RFE-E1AF Datasheet
2Mb / 4P
Surface Mount Super Fast Recovery Rectifier E1AF Through E1KF
10-14-2022
E1AFS RFE-E1AFS Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier E1AFS Through E1JFS
10-14-2022
E2AF RFE-E2AF Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier E2AF Through E2KF
10-14-2022
ES1AB RFE-ES1AB Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier ES1AB Through ES1KB
10-12-2022
ES2AA RFE-ES2AA Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier ES2AA Through ES2KA
10-12-2022
ES3AB RFE-ES3AB Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier ES3AB Through ES3KB
10-05-2022
MUR120 RFE-MUR120 Datasheet
1Mb / 4P
Super Fast Recovery Rectifier MUR120 Through MUR160
09-30-2022
MUR220 RFE-MUR220 Datasheet
1Mb / 4P
Super Fast Recovery Rectifier MUR220 Through MUR260
09-30-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com