Electronic Components Datasheet Search
  English  ▼

X  

MUR4100 Datasheet(PDF) 3 Page - RFE international

Part # MUR4100
Description  Super Fast Rectifier MUR420 Through MUR4100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MUR4100 Datasheet(HTML) 3 Page - RFE international

  MUR4100 Datasheet HTML 1Page - RFE international MUR4100 Datasheet HTML 2Page - RFE international MUR4100 Datasheet HTML 3Page - RFE international MUR4100 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Reverse Recovery Time
TRR
ns
Tj=25
IF=1A di/dt=-50A/us
VRM=30V
-
63
-
Tj=25
IF=4A
di/dt=-200A/us
VRM=400V
-
84
-
Tj=125
-
165
-
Peak recovery current
IRRM
A
Tj=25
-
8.5
-
Tj=125
-
13.2
-
Reverse recovery charge
Qrr
nC
Tj=25
-
356.4
-
Tj=125
-
1092.7
-
Non-repetitive avalanche energy
EAS
mJ
Tj=25
IR=2.0 A L=15 mH
30.0
-
-
PARAMETER
SYMBOL
UNIT
MUR420
MUR440
MUR460
MUR480
MUR4100
Typical Thermal Resistance
R J-A
/W
20
PREFERED P/N
PACKAGE CODE UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MUR420-MUR4100
D1
Approximate 1.05
1250
1250
12500
Tape
MUR420-MUR4100
C1
Approximate 1.05
250
250
12500
Bulk
Number of Cycles
FIG.2: Forward Surge Current Capability
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6 8 10
20
40 60 80 100
25
50
75
100
125
0
0
0
5
1
0
5
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
100
4.0
5.0
0
Ambient Temperature
FIG.1: Io-Ta Curve
3.0
2.0
1.0
Super Fast Rectifier
MUR420 Through MUR4100 DO-201AD(DO-27)
09-30-2022
Page 3 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
MUR4100
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com