Electronic Components Datasheet Search
  English  ▼

X  

AM30 Datasheet(PDF) 48 Page - Knowles Electronics

Part # AM30
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM30 Datasheet(HTML) 48 Page - Knowles Electronics

Back Button AM30 Datasheet HTML 44Page - Knowles Electronics AM30 Datasheet HTML 45Page - Knowles Electronics AM30 Datasheet HTML 46Page - Knowles Electronics AM30 Datasheet HTML 47Page - Knowles Electronics AM30 Datasheet HTML 48Page - Knowles Electronics AM30 Datasheet HTML 49Page - Knowles Electronics AM30 Datasheet HTML 50Page - Knowles Electronics AM30 Datasheet HTML 51Page - Knowles Electronics AM30 Datasheet HTML 52Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
www.knowlescapacitors.com
46
Metallic
Part
Number
Dimensions
Mounting
Fig.
A
B
C
D
E
F
G
THD.
(UNS-2A)
Torque
(oz. in)
Slot
6924-9
1
0.240
0.148
0.072
0.135
0.035
0.240
0.035 W
x
0.156 A/F
0.120 to 80
10
0.015 W x
0.020 DP
6924-10
0.120
0.075
0.167
6924-11
0.240
6924-12
0.120
0.030
0.122
6925-4
0.250
0.905
0.125
0.210
0.037
0.250
0.035 W
x
0.218 A/F
0.190 to 64
30
0.031 W x
0.020 DP
6925-5
0.125
0.115
0.125
6926-13
0.210
0.106
0.160
0.267
0.035
0.210
0.040 W
x
0.281 A/F
0.234 to 64
50
0.031 W x
0.025 DP
6926-17
0.180
0.284
6927-2
0.360
0.250
0.265
0.145
0.360
6927-3
0.255
0.374
6928-6
0.450
0.345
0.267
0.240
0.450
6929-2
0552
0.450
0.125
0.210
0.042
0.552
0.035 W x
0.218 A/F
0.190 to 64
10
0.031 W x
0.020 DP
6965-1
0.720
0.500
0.345
0.531
0.040
0.720
0.078 W x
0.562 A/F
0.469 to 32
240
0.031 W x
0.030 DP
LC Type
Part
Number
Dimensions
Mounting
Fig.
A
B
C
D
E
F
G
THD.
(UNS-2A)
Torque
(oz. in)
Slot
6939-2
2
0.482
0.148
0.072
0.187
0.047
0.240
0.232
0.156 to 64
20
0.030 W x
0.025 DP
6940-1
0.555
0.450
0.125
0.265
0.552
0.234 to 64
50
6941-1
1.230
0.346
0.160
0.280
0.450
0.250 to 64
90
Metallic Tuning Elements
C
(Dia.)
D
(Dia.)
MOUNTING
SLOT
TUNING
SLOT
F
(REF.)
G
BUSHING
E
A
B
ROTOR
SCREW
MOUNTING
THREAD
Fig. 1
Fig. 2
C
(Dia.)
D
(Dia.)
MOUNTING
SLOT
MOUNTING
THREAD
TUNING SLOT
F
(REF.)
BUSHING
G
HEX. NUT
E
A
B
ROTOR
SCREW
Recommended Tuning Tool
Tuning
Element
Diameter
Johanson Part Number
Metallic &
LC Type
.130
8777
JMC 8777
Note: The use of a Johanson tuning tool is recommended, improper screw
driver size will cause internal thread damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com