Electronic Components Datasheet Search
  English  ▼

X  

AM30 Datasheet(PDF) 6 Page - Knowles Electronics

Part # AM30
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM30 Datasheet(HTML) 6 Page - Knowles Electronics

Back Button AM30 Datasheet HTML 2Page - Knowles Electronics AM30 Datasheet HTML 3Page - Knowles Electronics AM30 Datasheet HTML 4Page - Knowles Electronics AM30 Datasheet HTML 5Page - Knowles Electronics AM30 Datasheet HTML 6Page - Knowles Electronics AM30 Datasheet HTML 7Page - Knowles Electronics AM30 Datasheet HTML 8Page - Knowles Electronics AM30 Datasheet HTML 9Page - Knowles Electronics AM30 Datasheet HTML 10Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.knowlescapacitors.com
4
Pre-Heating (In air)
Soldering Gradual Cooling
(In air)
250
200
150
100
50
260°C
One Minute
Minimum
20 Seconds
Maximum
.122
.087
.063
.059
.138
.018
.122
.045
3.1 DIA
3.5
1.6
1.5
3.1
2.2
DIA
.45
.028
.063
.028
.063
.047
.059
1.15
0.7
0.7
1.6
1.6
.016
0.4
.016
0.4
1.2
1.5
ROTOR
TERMINAL
SETTING INDICATOR
SHOWN AT MAX C.
0.94
.173
.071
4.4
2.4
1.8
SOLDER RESIST
SOLDERING PAD
Dimensions - Drawing tolerances where not specified ± 0.008”/0.2mm
Solder Pad Layout
Recommended thickness of solder paste 0.15mm
Recommended Reflow Solder
Temperature Profile
Recommended Tuning Tools
Ceramic Tipped: TT-900
Ceramic Tipped: TT-400
4.50
114.3
.88
22.35
VOLTRONICS
.88
22.35
.032
0.81
.008
0.2
.281
7.14
.018
0.45
.110
2.79
.115
2.92
4.30
ROTATES TO ALLOW
FOR EASY TUNING
Ø .39
Ø .55
Ø .16
A
B
Ceramic Chip Trimmers - JR & JR_HV Series
General specifications
Part No. JR Series
JR030
JR060
JR080
JR100
JR150
JR200
JR300
JR400
JR500
DC Working Voltage
125
125
125
125
125
125
125
125
125
DC Withstanding Voltage
250
250
250
250
250
250
250
250
250
Part No. JR_HV Series
JR030HV
JR060HV
JR080HV
JR100HV
JR150HV
JR200HV
JR300HV
JR400HV
DC Working Voltage
350
350
350
350
350
350
350
350
DC Withstanding Voltage
700
700
700
700
700
700
700
700
Capacitance
(pF)
Minimum
Maximum
1.5
3.0
+50%
– 0%
2.0
6.0
+50%
– 0%
3.0
8.0
+50%
– 0%
2.0
10.0
+100%
– 0%
3.0
15.0
+100%
– 0%
4.5
20.0
+100%
– 0%
5.5
30.0
+100%
– 0%
8.0
40.0
+100%
– 0%
8.0
50.0
+100%
– 0%
Marking Color*
Black
Blue
Violet
White
Pink
Red
Orange
Yellow
Green
Temperature Coefficient (ppm/ºC)
0 ± 200
0 ± 300
-750 ± 500
0 ± 300
0 ± 500
0 ± 500
-1500 ±
1000
-1500 ±
1000
-1500 ±
1000
Approximate
Self Resonant
Frequency at
Maximum Rated
Capacitance
JR &
JR_HV
Series
2.9GHz
2.05GHz
1.8GHz
1.6GHz
1.3GHz
1.15GHz
0.92GHz
0.84GHz
-
Insulation Resistance
104 MΩ
Operating Temperature
-40°C to +85°C (Tunable temp range -25°C to +85°C)
Torque
0.6 in-oz max.
Packaging
All parts furnished on 12mm tape and reel. 1,000 pcs. per reel.
* HV parts are indicated by a second, green dot.
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com