Electronic Components Datasheet Search
  English  ▼

X  

AM30 Datasheet(PDF) 28 Page - Knowles Electronics

Part # AM30
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM30 Datasheet(HTML) 28 Page - Knowles Electronics

Back Button AM30 Datasheet HTML 24Page - Knowles Electronics AM30 Datasheet HTML 25Page - Knowles Electronics AM30 Datasheet HTML 26Page - Knowles Electronics AM30 Datasheet HTML 27Page - Knowles Electronics AM30 Datasheet HTML 28Page - Knowles Electronics AM30 Datasheet HTML 29Page - Knowles Electronics AM30 Datasheet HTML 30Page - Knowles Electronics AM30 Datasheet HTML 31Page - Knowles Electronics AM30 Datasheet HTML 32Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
www.knowlescapacitors.com
26
Very High Voltage PTFE Trimmers
General Specifications
A_10-4
A_20-4
Capacitance Range
0.8 to 10pF
0.8 to 20pF
DC Working Voltage
2000
2000
DC Withstanding Voltage
4000
4000
Self-Resonant Frequency*
4.25 GHz at 2pF
3 GHz at 3pF
Q (min) at 100 MHz © Max. C*
3000
3000
Temperature Coefficient
0±100 ppm/°C
0±100 ppm/°C
Insulation Resistance @ 25°C
106 MΩ
106 MΩ
Operating Temperature
-65°C to +125°C
-65°C to +125°C
Tuning Torque
0.5 to 5.0 in-oz
0.5 to 5.0 in-oz
Shock
1500g, 0.5 millisecs. 1500g, 0.5 millisecs.
Vibration
50g at 10-2000 Hz 50g at 10-2000 Hz
Drawing Tolerances where not
specified
XXX ± .005
XX ± .016
XXX ± .005
XX ± .016
A1 J 8 HV
P, J & T Lead Styles
Refer to page 14
OPTIONS
SERIES
CAPACITANCE
LEAD STYLE
Options:
Extended metal shaft.
Add ‘E’ to the part number i.e. AT10-4E
Note: For Non-Magnetic parts add ‘NM’ to part number, i.e. NMAT10-4
AJ
.56
.30 .015
.44
.16
.14
.14
.18
.85
.29
.18
AP
.56.44
.12
.020
.31
.031
.015
.22
.22
.11
.56
.036
.30
AT
.13.53
.45
.28
.30 .09
.06
.234-64TH’D
Dimensions
.34
.05
.110
0.20
a Knowles Precision Devices brand
TM
This range of Voltronics trimmer capacitors provides a further
extention in voltage rating to the HV range. Working voltage is
2kV and dielectric withstand voltage is 4kV. The solid internal PTFE
dielectric prevents ionization, a major advantage in space, high
altitude and high voltage applications. The unique internal O-ring
seal makes wave soldering and vapor degreasing possible without
the need to attach a separate cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com