Electronic Components Datasheet Search
  English  ▼

X  

AM30 Datasheet(PDF) 11 Page - Knowles Electronics

Part # AM30
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM30 Datasheet(HTML) 11 Page - Knowles Electronics

Back Button AM30 Datasheet HTML 7Page - Knowles Electronics AM30 Datasheet HTML 8Page - Knowles Electronics AM30 Datasheet HTML 9Page - Knowles Electronics AM30 Datasheet HTML 10Page - Knowles Electronics AM30 Datasheet HTML 11Page - Knowles Electronics AM30 Datasheet HTML 12Page - Knowles Electronics AM30 Datasheet HTML 13Page - Knowles Electronics AM30 Datasheet HTML 14Page - Knowles Electronics AM30 Datasheet HTML 15Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
www.knowlescapacitors.com
9
2320
Series
2322 RoHS
Series
Housing
Size
2320
Capacitance
2322 RoHS
Capacitance
Tuning
Resolution
Min. Q @
100MHz
Color
Codes
Drawing
Figure
Std./RoHS
2320-0
2322-0G
0.180” x 0.167” (4.57 x 4.24mm)
0.6 to 2.5pF
0.6 to 2.5pF
180°
3000
Red/Red
A
2320-0SL 2322-0GSL 0.180” x 0.167” (4.57 x 4.24mm)
0.6 to 2.5pF
0.6 to 2.5pF
180°
3000
Red/Red
B
2320-1
2322-1G
0.180” x 0.167” (4.57 x 4.24mm)
1.0 to 5pF
1.0 to 5pF
180°
1000
Black/Blue
B
2320-1SL 2322-1GSL 0.180” x 0.167” (4.57 x 4.24mm)
1.0 to 5pF
1.0 to 5pF
180°
1000
Black/Blue
A
2320-2
2322-2G
0.180” x 0.167” (4.57 x 4.24mm)
2.5 to 10pF
2.5 to 10pF
180°
1000
Blue/Black
A
2320-2SL 2322-2GSL 0.180” x 0.167” (4.57 x 4.24mm)
2.5 to 10pF
2.5 to 10pF
180°
1000
Blue/Black
B
2320-3
2322-3G
0.180” x 0.167” (4.57 x 4.24mm)
5 to 18pF
7.5 to 18pF
180°
500
Green/Clear
B
2320-3SL 2322-3GSL 0.180” x 0.167” (4.57 x 4.24mm)
5 to 18pF
7.5 to 18pF
180°
500
Green/Clear
A
2320-4
2322-4G
0.180” x 0.167” (4.57 x 4.24mm)
6.5 to 25pF
8.5 to 25pF
180°
300
Amber/Green
A
2320-4SL 2322-4GSL 0.180” x 0.167” (4.57 x 4.24mm)
6.5 to 25pF
8.5 to 25pF
180°
300
Amber/Green
B
Cera-Trim® is a high performance surface mount trimmer capacitor
designed specifically to withstand harsh environments. These
capacitors deliver exceptional performance through microwave
frequencies at operating temperatures of -55ºC to +125ºC. The
square drive tuning mechanism provides and assures complete
compatibility with automated tuning devices for positive non-slip
tamper-proof adjustments.
The Cera-Trim® design makes it possible to utilize tape and
reel. The alumina housing provides mechanical strength with
outstanding electrical and heat resistant properties. The rugged
construction renders it resistant to penetration of solder fluxes and
cleaning solvents. Recommended handling instructions outlining
soldering procedures are available in Johanson specification R-360.
Characteristics
Rated voltage: 250 VDC (test voltage 500 VDC)
Insulation resistance: >104 MΩ
Operating temperature range: -55ºC to +125ºC
Vibration: 15g, 10-2000 Hz, MIL-STD-202,
Method 204, Condition B
Shock: 100g, 6 milliseconds, MIL-STD-202,
Method 213, Condition I
Moisture resistance: MIL-STD-202, Method 106
Resistant to soldering heat and flux: 260ºC for 10 seconds
Solderability: MIL-STD-202, Method 208
Withstands up to 5 minutes total immersion in typical cleaning
solvents at room temperature
Conforms with specification MIL-C-81
RoHS compliant Series
Packaging
Add suffix to JMC P/N for reel packaging
R1 = 500 pieces, R2 = 2,500 pieces
.025 (.635)
JMC 4192
Dimensions: inches (mm)
Sealed SL
.004
(.102)
.025 SQUARE
DRIVE TUNING
.180
KAPTON®
PROCESS SEAL
.020 ±.002
(.508 ±.051) 2X
.167 (4.24)
.086 (2.18)
.006 (.152)
.020 (.508) X 45º
INDICATES ROTOR
TERMINAL
.195
(4.95)
.240
(6.10)
.092 (2.34)
COLOR CODE
(Non-RoHS Compliant)
TERMINAL 2X
COLOR CODED EPOXY BACK
(RoHS Compliant)
Figure B
Dimensions: inches (mm)
Sealed
COLOR CODE
(Non-RoHS Compliant)
.030 (7.62)
(2X)
.025 SQUARE
DRIVE TUNING
.180
KAPTON®
PROCESS SEAL
.020 ±.002
(.508 ±.051) 2X
.167 (4.24)
.086 (2.18)
.006 (.152)
.020 (.508) X 45º
INDICATES ROTOR
TERMINAL
TERMINAL 2X
.195
(4.95)
.092 (2.34)
COLOR CODED EPOXY BACK
(RoHS Compliant)
Figure A
Applications
RF amplifier
LC Filters and Networks
Broadband Wireless LAN
Medical Devices
Cordless and Cellular phones
DR/Crystal Oscillator
Microstrip line filters
JMC Square Drive Tuning Tool 4192 for 2320 & 2322 Series
Cera-Trim® Trimmers - 2320 & 2322 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com