Electronic Components Datasheet Search
  English  ▼

X  

AT10 Datasheet(PDF) 4 Page - Knowles Electronics

Part # AT10
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT10 Datasheet(HTML) 4 Page - Knowles Electronics

  AT10 Datasheet HTML 1Page - Knowles Electronics AT10 Datasheet HTML 2Page - Knowles Electronics AT10 Datasheet HTML 3Page - Knowles Electronics AT10 Datasheet HTML 4Page - Knowles Electronics AT10 Datasheet HTML 5Page - Knowles Electronics AT10 Datasheet HTML 6Page - Knowles Electronics AT10 Datasheet HTML 7Page - Knowles Electronics AT10 Datasheet HTML 8Page - Knowles Electronics AT10 Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
www.knowlescapacitors.com
2
Johanson Tuning Tools
Trimmer
Series
Johanson Part Number
Thin-Trim®
4192
4193
Cera-Trim®
4192
Seal-Trim®
4193
4192
2190
JMC 4193
JMC 4193
JMC 4192
JMC 2190
JMC 4192
Johanson Tuning Tools
Trimmer
Series
Dia.
Johanson Part Number
5200
5300
5400
5500
5600
5700
.130
8777
8764
5800
.078
8777
JMC 8764
JMC 8777
JMC 8777
JMC 4192
Voltronics
Product Line
Actual Size
Length x Width x Height
Part
Number
Cap. Range
Min. - Max.
pF
Temperature
Coefficient
SRF
GHz
Mounting
Page
JZ
&
JZ_HV*
0.177 x 0.126 x 0.059 in
4.5 x 3.2 x 1.5 mm
JZ030
JZ060
JZ080
JZ100
JZ150
JZ200
JZ300
JZ400
JZ500
1.5 - 3.0
2.0 - 6.0
3.0 - 8.0
2.0 - 10.0
3.0 - 15.0
4.5 - 20.0
5.5 - 30.0
8.0 - 40.0
8.0 - 50.0
0±200
0±300
-750±500
0±300
0±500
0±500
-1500±1000
-1500±1000
-1500±1000
2.1
1.5
1.25
1.16
0.92
0.81
0.7
0.6
0.53
Surface
3
* Note: We now offer the series in a HIGH VOLTAGE VERSION. The JZ_HV series specifications are identical to the specifications listed above with this
important exception: DC Working Voltage 350DC, Withstanding Voltage 750.
JR
&
JR_HV*
0.138 x 0.122 x 0.045 in
3.5 x 3.1 x 1.15 mm
JR030
JR060
JR080
JR100
JR150
JR200
JR300
JR400
JR500
1.5 - 3.0
2.0 - 6.0
3.0 - 8.0
2.0 - 10.0
3.0 - 15.0
4.5 - 20.0
5.5 - 30.0
8.0 - 40.0
8.0 - 50.0
0±200
0±300
-750±500
0±300
0±500
0±500
-1500±1000
-1500±1000
-1500±1000
2.9
2.05
1.8
1.6
1.3
1.15
0.92
0.84
-
Surface
4
Johanson
Product Line
Housing Size
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Colour Codes
Thin-Trim®
0.125” (3.18mm)
0.25 to 4pF
90°
>1000
Red / Black /
Blue / Brown
Cera-Trim®
0.180” x 0.167”
(4.57 x 4.24mm)
0.6 to 25pF
180°
300 to 3000
Red / Black / Blue /
Green / Amber
Seal-Trim®
0.270” (6.86mm)
1 to 50pF
180°
>200 to >1000
-
Half Turn Ceramic SM Chip Trimmers - Product Guide
Voltronics Tuning Tools
Trimmer
Series
Dia.
Voltronics Part Number
JZ & JZ_HV
JR & JR_HV
0.45
TT-400
TT-900
VOLTRONICS TT-900
VOLTRONICS TT-400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com