Electronic Components Datasheet Search
  English  ▼

X  

AT10 Datasheet(PDF) 7 Page - Knowles Electronics

Part # AT10
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT10 Datasheet(HTML) 7 Page - Knowles Electronics

Back Button AT10 Datasheet HTML 3Page - Knowles Electronics AT10 Datasheet HTML 4Page - Knowles Electronics AT10 Datasheet HTML 5Page - Knowles Electronics AT10 Datasheet HTML 6Page - Knowles Electronics AT10 Datasheet HTML 7Page - Knowles Electronics AT10 Datasheet HTML 8Page - Knowles Electronics AT10 Datasheet HTML 9Page - Knowles Electronics AT10 Datasheet HTML 10Page - Knowles Electronics AT10 Datasheet HTML 11Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
www.knowlescapacitors.com
5
Series
Housing Size
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Color Code
Drawing Figure
9401-0
0.125” (3.18mm)
0.25 to 0.7pF
90°
>1000
Red
A
9401-0SL-1
0.125” (3.18mm)
0.25 to 0.7pF
90°
>1000
Red
B
9401-1
0.125” (3.18mm)
0.5 to 1.3pF
90°
>1000
Black
A
9401-1SL-1
0.125” (3.18mm)
0.5 to 1.3pF
90°
>1000
Black
B
9401-2
0.125” (3.18mm)
0.6 to 2pF
90°
>1000
Blue
A
9401-2SL-1
0.125” (3.18mm)
0.6 to 2pF
90°
>1000
Blue
B
9401-4
0.125” (3.18mm)
1.5 to 4pF
90°
>500
Brown
A
9401-4SL-1
0.125” (3.18mm)
1.5 to 4pF
90°
>500
Brown
B
Characteristics
Rated voltage: 250 VDC (test voltage 500 VDC)
Insulation resistance: >104 MΩ
Operating temperature range: -55ºC to +125ºC
Torque: 0.05 to 0.5 oz. in.
Vibration: 15g, 10-2000 Hz
Shock: 100g, 6 milliseconds
Setting drift: <1%
Moisture resistance: MIL-STD-202, Method 106
Resistant to soldering heat: MIL-STD-202, Method 210, Test C
Solderability: MIL-STD-202, Method 208
Resistant to cleaning solvents: MIL-STD-202, Method 215
JMC Square Drive Tuning Tool 4192
The Thin-Trim® 9401 Series capacitors are an advanced
development in miniaturized trimmers for applications in circuits
where size and performance are critical. These one-half turn
ceramic capacitors feature high Q performance up to 2GHz and
beyond.
The 9401 Series construction incorporates a butterfly electrode
pattern which provides a series parallel capacitor with extremely
low ESR and ESL. Johanson’s square drive tuning mechanism
insures captive, non-slip, tamper-proof adjustments eliminating
backlash problems.
Applications
RF amplifier
LC Filters and Networks
Broadband Wireless LAN
Medical Devices
Cordless and Cellular phones
DR/Crystal Oscillator
Microstrip line filters
Packaging
Tape and reel available for SL products
Add suffix to JMC P/N for reel packaging
R1 = 1500 pieces, R4 = 6000 pieces
.125
(3.18)
.040 (1.02) MAX.
60º 2x
.020±.002
(.508±.051)
.004±.001
(.102±.025)
.195±.010
(4.95±.254)
.195±.010
(4.95±.254)
.150 (3.81)
MAX. DIA.
COLOR CODE
.025 (.635) SQUARE DRIVE TUNING
.140 (3.56)
MAX.
Q
FREQUENCY MHz
9401-0
9401-1
9401-4
10,000
1000
100
10
0
250
500
750
1000
1250
1500
1750
2000
2250
.125
(3.18)
.040 (1.02) MAX.
.020±.002
(.508±.051)
.004±.001
(.102±.025)
.200±.010
(5.08±.254)
.150 (3.81) DIA.
COLOR CODE
.025 (.635) SQUARE DRIVE TUNING
.140 (3.56)
MAX.
Dimensions: inches (mm)
Dimensions: inches (mm)
9401
9401 SL-1
.025 (.635)
JMC 4192
Thin-Trim® Trimmers - 9401 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com