Electronic Components Datasheet Search
  English  ▼

X  

AT10 Datasheet(PDF) 10 Page - Knowles Electronics

Part # AT10
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT10 Datasheet(HTML) 10 Page - Knowles Electronics

Back Button AT10 Datasheet HTML 6Page - Knowles Electronics AT10 Datasheet HTML 7Page - Knowles Electronics AT10 Datasheet HTML 8Page - Knowles Electronics AT10 Datasheet HTML 9Page - Knowles Electronics AT10 Datasheet HTML 10Page - Knowles Electronics AT10 Datasheet HTML 11Page - Knowles Electronics AT10 Datasheet HTML 12Page - Knowles Electronics AT10 Datasheet HTML 13Page - Knowles Electronics AT10 Datasheet HTML 14Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
www.knowlescapacitors.com
8
Thin-Trim® 9702 & 9710 Series capacitors are an advanced
development in miniaturized trimmer capacitors for applications in
circuits where size and performance are critical.
The Thin-Trim® capacitor embodies a radical reduction in size
and weight over standard ceramic capacitors, with a proportional
improvement in electrical characteristics. The capacitor consists
of a metallic rotor suspended under spring pressure between
two metalized dielectric disks. In addition to physically securing
the assembly, the springs serve as both the internal electrical
connection and the external terminals, simplifying the construction
and further reducing size. The incorporation of the Johanson square
drive tuning mechanism insures captive, non-slip, tamper-proof
adjustments which are not subject to backlash problems associated
with screwdriver type adjustments.
Characteristics
Rated voltage: 250 VDC (test voltage 500 VDC)
Insulation resistance: >104 MΩ
Operating temperature range: -55ºC to +125ºC
Torque: 0.05 to 1.0 oz. in. for 9702
0.2 to 2.0 oz. in. for 9710
Vibration: 15g, 10-2000 Hz
Shock: 100g, 6 milliseconds
Setting drift: <1%
Moisture resistance: MIL-STD-202, Method 106
Resistant to soldering heat: MIL-STD-202, Method 210, Test C
Solderability: MIL-STD-202, Method 208
Resistant to cleaning solvents: MIL-STD-202, Method 215
RoHS compliant
JMC Square Drive Tuning Tool 4192 for 9702
Series
Housing Size
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Drawing Figure
9702-0
0.125” (3.18mm)
0.5 to 2.5pF
180°
3000
A
9710-0
0.200” (5.08mm)
1.0 to 4.5pF
180°
1000
B
9702-1
0.125” (3.18mm)
1.0 to 5.0pF
180°
1000
A
9702-2
0.125” (3.18mm)
2.5 to 10pF
180°
1000
A
9710-1
0.200” (5.08mm)
180°
1000
B
9702-4
0.125” (3.18mm)
3.0 to 12pF
180°
500
A
9710-2
0.200” (5.08mm)
4.0 to 18pF
180°
700
B
9702-8
0.125” (3.18mm)
5.0 to 15pF
180°
750
A
9702-5
0.125” (3.18mm)
5.0 to 20pF
180°
500
A
9710-7
0.200” (5.08mm)
5.0 to 25pF
180°
500
B
9710-3
0.200” (5.08mm)
6.0 to 35pF
180°
200
B
9702-9
0.125” (3.18mm)
7.0 to 18pF
180°
500
A
9710-4
0.200” (5.08mm)
7.0 to 40pF
180°
200
B
9702-6
0.125” (3.18mm)
8.0 to 25pF
180°
300
A
9710-5
0.200” (5.08mm)
10.0 to 50pF
180°
200
B
Packaging
Tape and reel available for 9702 & 9710 products
Add suffix to JMC P/N for reel packaging
.030 (.762)
JMC 4193
Dimensions: inches (mm)
Dimensions: inches (mm)
9702
9710
Figure B
Figure A
.200 (5.08)
60º 2x
.200
(5.08)
.030 (.762) SQUARE DRIVE TUNING
Ø.225 MAX.
ROTOR
.040
±.002
.005
±.001
.060 (1.52) MAX.
.300 ±.010
(7.62 ±.254)
.300 ±.010
(7.62 ±.254)
.125 (3.18)
MAX.
.141 (3.58)
Ø MAX.
.125
(3.18)
60º
.025 (.635)
SQUARE DRIVE TUNING
.004 ±.001
(.102 ±.025)
.020 ±.002
(.508 ±.051)
ROTOR
.040 ±1.02
.195 ±.010
(4.95 ±.254)
.195 ±.010
(4.95 ±.254)
45º
JMC Square Drive Tuning Tool 4193 for 9710
Applications
RF amplifier
LC Filters and Networks
Broadband Wireless LAN
Medical Devices
Cordless and Cellular phones
DR/Crystal Oscillator
Microstrip line filters
.025 (.635)
JMC 4192
Thin-Trim® Trimmers - 9702 & 9710 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com