Electronic Components Datasheet Search
  English  ▼

X  

AT10 Datasheet(PDF) 9 Page - Knowles Electronics

Part # AT10
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT10 Datasheet(HTML) 9 Page - Knowles Electronics

Back Button AT10 Datasheet HTML 5Page - Knowles Electronics AT10 Datasheet HTML 6Page - Knowles Electronics AT10 Datasheet HTML 7Page - Knowles Electronics AT10 Datasheet HTML 8Page - Knowles Electronics AT10 Datasheet HTML 9Page - Knowles Electronics AT10 Datasheet HTML 10Page - Knowles Electronics AT10 Datasheet HTML 11Page - Knowles Electronics AT10 Datasheet HTML 12Page - Knowles Electronics AT10 Datasheet HTML 13Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.knowlescapacitors.com
7
Thin-Trim® Trimmers - 9402 & 9410 Series
Dimensions: inches (mm)
Dimensions: inches (mm)
Dimensions: inches (mm)
Dimensions: inches (mm)
9402
9402-SL-1
9410
9410-SL-1
.125 (3.18)
MAX.
.141 (3.58)
Ø MAX.
.125
(3.18)
60º
.025 (.635)
SQUARE DRIVE TUNING
COLOR
CODE
.004 ±.001
(.102 ±.025)
.020 ±.002
(.508 ±.051)
ROTOR
.040 ±1.02
.195 ±.010
(4.95 ±.254)
.195 ±.010
(4.95 ±.254)
45º
.125 (3.18)
MAX.
.141 (3.58)
Ø MAX.
.125
(3.18)
.025 (.635)
SQUARE DRIVE TUNING
COLOR
CODE
.004 ±.001
(.102 ±.025)
.020 ±.002
(.508 ±.051)
ROTOR
.040 ±1.02
.200±.010
(5.08±.254)
Q VS. Frequency 9402 Series
9402-8
9402-6
9402-9
9402-4
9402-2
9402-1
9402-0
10
100
1000
2000
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
.200 (5.08)
60º 2x
.200
(5.08)
.030 (.762) SQUARE DRIVE TUNING
COLOR
CODE
Ø.225 MAX.
ROTOR
.040
±.002
.005
±.001
.060 (1.52) MAX.
.300 ±.010
(7.62 ±.254)
.300 ±.010
(7.62 ±.254)
.200
(5.08)
.060 (1.52) MAX.
.040
±.002
(2.64
±.051)
.005 ±.001
(.127 ±.025)
.250 +.000 -.010
(6.35 +.000 -.254)
.225 (5.72)
MAX. DIA.
COLOR
CODE
.030 (.762) SQUARE DRIVE TUNING
.200 (5.08)
MAX.
Q VS. Frequency 9410 Series
9410-4
9410-5
9410-3
9410-25
9410-2
9410-1
9410-0
10
100
1000
2000
200
400
600
800
1000
1200
1400
1600
1800
FREQUENCY (MHz)
Figure D
Figure C
Figure B
Figure A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com