Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Application Notes
LOW INPUT BIAS CURRENT
The AD854x family is a CMOS op-amp family and features very low input bias
current in pA range. The low input bias current allows the amplifiers to be used in
applications with high resistance sources. Care must be taken to minimize PCB Surface
Leakage. See below section on “PCB Surface Leakage” for more details.
PCB SURFACE LEAKAGE
In applications where low input bias current is critical, Printed Circuit Board (PCB)
surface leakage effects need to be considered. Surface leakage is caused by humidity, dust or
other contamination on the board. Under low humidity conditions, a typical resistance
between nearby traces is 1012Ω. A 5V difference would cause 5pA of current to flow, which is
greater than the AD854xA’s input bias current at +25℃ (±1pA, typical). It is recommended
to use multi-layer PCB layout and route the op-amp’s -IN and +IN signal under the PCB
surface.
The effective way to reduce surface leakage is to use a guard ring around sensitive pins
(or traces). The guard ring is biased at the same voltage as the sensitive pin. An example of
this type of layout is shown in Figure 1 for Inverting Gain application.
1. For Non-Inverting Gain and Unity-Gain Buffer:
a) Connect the non-inverting pin (+IN) to the input with a wire that does not touch the
PCB surface.
b) Connect the guard ring to the inverting input pin (-IN). This biases the guard ring to
the Common Mode input voltage.
2. For Inverting Gain and Trans-impedance Gain Amplifiers(convert current to voltage,
such as photo detectors):
a) Connect the guard ring to the non-inverting input pin (+IN). This biases the guard ring
to the same reference voltage as the op-amp (e.g., VS/2 or ground).
b) Connect the inverting pin (-IN) to the input with a wire that does not touch the PCB
surface.
Figure 1 Use a guard ring around sensitive pins
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
8
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com