Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 18Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical Application Circuits
(3.3V MCU with 12-bit ADC), the op-amp’s slew rate should be more than:
3.3V/(100μs × 45% × 20%) = 0.37 V/μs
At the same time, the op-amp’s bandwidth should be much greater than the PWM
frequency, like 10 time at least.
Figure 8 Current Shunt Monitor Circuit
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
14
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com