Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application Notes
between the output and the capacitive load like the circuit in Figure 3. The isolation resistor
RISO and the load capacitor CL form a zero to increase stability. The bigger the RISO resistor
value, the more stable VOUT will be. Note that this method results in a loss of gain accuracy
because RISO forms a voltage divider with the RL.
Figure 3 Indirectly Driving Heavy Capacitive Load
An improvement circuit is shown in Figure 4. It provides DC accuracy as well as AC
stability. The RF provides the DC accuracy by connecting the inverting signal with the output.
The CF and RISO serve to counteract the loss of phase margin by feeding the high
frequency component of the output signal back to the amplifier’s inverting input, thereby
preserving phase margin in the overall feedback loop.
Figure 4 Indirectly Driving Heavy Capacitive Load with DC Accuracy
For no-buffer configuration, there are two others ways to increase the phase margin: (a)
by increasing the amplifier’s gain, or (b) by placing a capacitor in parallel with the feedback
resistor to counteract the parasitic capacitance associated with inverting node.
POWER SUPPLY LAYOUT AND BYPASS
The AD854xA family operates from either a single +2.3V to +5.5V supply or dual
±1.15V to ±2.75V supplies. For single-supply operation, bypass the power supply VS with a
ceramic capacitor (i.e. 0.01μF to 0.1μF) which should be placed close (within 2mm for good
high frequency performance) to the VS pin. For dual-supply operation, both the VS+ and the
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
10
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com