Electronic Components Datasheet Search
  English  ▼

X  

AD8541 Datasheet(PDF) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Application Notes
VS- supplies should be bypassed to ground with separate 0.1μF ceramic capacitors. A bulk
capacitor (i.e. 2.2μF or larger tantalum capacitor) within 100mm to provide large, slow
currents and better performance. This bulk capacitor can be shared with other analog parts.
Good PC board layout techniques optimize performance by decreasing the amount of
stray capacitance at the op-amp’s inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as close to the device as possible.
Use surface-mount components whenever possible. For the op-amp, soldering the part to the
board directly is strongly recommended. Try to keep the high frequency big current loop area
small to minimize the EMI (electromagnetic interfacing).
GROUNDING
A ground plane layer is important for the AD854xA circuit design. The length of the
current path speed currents in an inductive ground return will create an unwanted voltage
noise. Broad ground plane areas will reduce the parasitic inductance.
INPUT-TO-OUTPUT COUPLING
To minimize capacitive coupling, the input and output signal traces should not be parallel.
This helps reduce unwanted positive feedback.
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
11
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com