Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM124
Description  Quadruple Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM124 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM124 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4 Pin Configuration and Functions
DR,PWR
14-Pin SOP, DIP,TSSOP
Pin Functions
PIN
SOP, DIP
I/O
DESCRIPTION
NAME
1IN–
2
I
Negative input
1IN+
3
I
Positive input
1OUT
1
O
Output
2IN–
6
I
Negative input
2IN+
5
I
Positive input
2OUT
7
O
Output
3IN–
9
I
Negative input
3IN+
10
I
Positive input
3OUT
8
O
Output
4IN–
13
I
Negative input
4IN+
12
I
Positive input
4OUT
14
O
Output
GND
11
—
Ground
VCC
6
4
—
Power supply
www.umw-ic.com
2
友台半导体有限公司
Quadruple Operational Amplifiers
UMW
UMW LM124/LM224/2902
R
LCCC NO.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com