Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM124
Description  Quadruple Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM124 Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM124 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TSSOP-14
Symbol
Dimensions
In Millimeters
MIN
TYP
MAX
A
-
-
1.20
A1
0.05
-
0.15
A2
0.90
1.00
1.05
b
0.20
-
0.28
c
0.10
-
0.19
D
4.86
4.96
5.06
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
θ
0°
-
8°
E
e
E1
A1
D
L1
L2
L
R
R1
θ
c
www.umw-ic.com
10
Quadruple Operational Amplifiers
UMW
UMW LM124/LM224/2902
R
友台半导体有限公司
9.
ORDERING INFORMATION
Order Code
Package
Baseqty
Deliverymode
UMW LM124DR
SOP-14
2500
Tape and reel
UMW LM224DR
SOP-14
2500
Tape and reel
UMW LM2902DR
SOP-14
2500
Tape and reel
UMW LM2902PWR
TSSOP-14
2500
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com