Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM124
Description  Quadruple Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM124 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM124 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5.4 Thermal Information
LM124,LM224, LM2902
(SOP)
(DIP)
THERMAL METRIC(1)
UNIT
14 PINS
14 PINS
RθJA
(2) (3)
Junction-to-
ambient thermal
86
80
resistance
°C/W
RθJC
(4)
Junction-to-case
(top) thermal
—
—
resistance
.
(1)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
Maximum power dissipation is a function of TJ(max), RθJA, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
5.5 Electrical Characteristics for LMx24
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM124, LM224
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
VCC = 5 V to MAX, VIC = VICRmin,
25°C
3
5
VIO
Input offset voltage
mV
VO = 1.4 V
Full range
7
25°C
2
30
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
25°C
IIB
Input bias current
VO = 1.4 V
nA
Full range
0 to
25°C
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
Full range
VCC – 2
RL = 2 kΩ
25°C
VCC – 1.5
RL = 10 kΩ
25°C
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
26
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
Large-signal differential voltage
VCC = 15 V, VO = 1 V to 11 V,
25°C
50
100
AVD
amplification
R
V/mV
L ≥ 2 kΩ
Full range
25
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
70
80
dB
Supply-voltage rejection ratio
kSVR
25°C
65
100
dB
(
ΔVCC /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
dB
VCC = 15 V,
25°C
–20
–30
–60
VID = 1 V,
Source
VO = 0
Full range
–10
mA
IO
Output current
VCC = 15 V,
25°C
10
20
VID = –1 V,
Sink
VO = 15 V
Full range
5
VID = –1 V, VO = 200 mV
25°C
12
30
μA
VCC at 5 V, VO = 0,
IOS
Short-circuit output current
25°C
±40
±60
mA
GND at –5 V
VO = 2.5 V, no load
Full range
0.7
1.2
ICC
Supply current (four amplifiers)
VCC = MAX, VO = 0.5 VCC,
mA
Full range
1.4
3
no load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 30 V for the others.
(2)
Full range is –55°C to 125°C for LM124, –20°C to 85°C for LM224
(3)
All typical values are at TA = 25°C
www.umw-ic.com
4
友台半导体有限公司
Quadruple Operational Amplifiers
UMW
UMW LM124/LM224/2902
R
LM2902
MIN
TYP
(3)
MAX
3
7
10
2
50
300
0 to
VCC – 1.5
0 to
VCC – 2
VCC – 1.5
22
23
24
5
20
100
15
50
80
50
100
120
–20
–30
–60
–10
10
20
5
30
±40
±60
0.7
1.2
1.4
3
20
150
300
20
250
500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com