Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM124
Description  Quadruple Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM124 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM124 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM124 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
LM124, LM224
LM2902
UNIT
MIN
MAX
MIN
MAX
Supply voltage, VCC
(2)
±13
26
±16
32
V
Differential input voltage, VID
(3)
±26
±32
V
Input voltage, VI (either input)
–0.3
26
–0.3
to 32
V
Duration of output short circuit (one amplifier) to ground at (or
Unlimited
Unlimited
below) TA = 25°C, VCC ≤ 15 V
(4)
Operating virtual junction temperature, TJ
150
150
°C
Storage temperature, Tstg
–65
150
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
5.2 ESD
LM124, LM224, LM2902
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
LM2902
LM124, LM224
UNIT
MIN
MAX
MIN
MAX
VCC Supply voltage
3
26
3
32
V
VCM Common-mode voltage
0
VCC – 2
0
VCC – 2
V
LM124
–55
125
TA Operating free air
LM2902
–40
105
°C
temperature
LM224
–20
85
www.umw-ic.com
3
友台半导体有限公司
Quadruple Operational Amplifiers
UMW
UMW LM124/LM224/2902
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com