Electronic Components Datasheet Search
  English  ▼

X  

LM75BDP Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BDP
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BDP Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM75BDP Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
6.
Block diagram
  
 
VCC
 
 
LM75B
 
BIAS
REFERENCE
 
POINTER
REGISTER
 
CONFIGURATION
REGISTER
 
 
BAND GAP
TEMP SENSOR
OSCILLATOR
POWER-ON
RESET
 
11-BIT SIGMA-
DELTA A-to-D
CONVERTER
 
COUNTER
TIMER
COMPARATOR/
INTERRUPT
TEMPERATURE
REGISTER
 
TOS
REGISTER
 
THYST
REGISTER
 
OS
 
 
LOGIC CONTROL AND INTERFACE
 
 
A2
A1 A0
 
SCL
 
SDA
 
GND
002aad453
 
Fig 1.
Block diagram of LM75B
 
 
www.umw-ic.com
3
友台半导体有限公司
 
5.
General description
 
The LM75B is a temperature-to-digital converter using an on-chip band gap
temperature sensor and Sigma-Delta A-to-D conversion technique with an over
temperature detection output. The
LM75B
contains a number of data registers:
Configuration register (Conf) to store the device settings such as device operation mode,
OS operation mode, OS polarity and OS fault queue as described in Section 7 “Functional
description”; temperature register (Temp) to store the digital temp reading, and set-point
registers (Tos and Thyst) to store programmable over temperature shutdown and
hysteresis limits, that can be communicated by a controller via the 2-wire serial I2C-bus
interface. The device also includes an open-drain output (OS) which becomes active when
the temperature exceeds the programmed limits. There are three selectable logic address
pins so that eight devices can be connected on the same bus without address conflict.
The LM75B can be configured for different operation conditions. It can be set in
normal mode to periodically monitor the ambient temperature, or in shutdown mode to
minimize power consumption. The OS output operates in either of two selectable modes:
OS comparator mode or OS interrupt mode. Its active state can be selected as either
HIGH or LOW. The fault queue that defines the number of consecutive faults in order to
activate the OS output is programmable as well as the set-point limits.
The temperature register always stores an 11-bit two’s complement data giving a
temperature resolution of 0.125
C. This high temperature resolution is particularly useful
in applications of measuring precisely the thermal drift or runaway. When the LM75B is
accessed the conversion in process is not interrupted (that is, the I2C-bus section is totally
independent of the Sigma-Delta converter section) and accessing the LM75B continuously
without waiting at least one conversion time between communications will
not prevent the device from updating the Temp register with a new conversion result. The
new conversion result will be available immediately after the Temp register is updated.
The LM75B powers up in the normal operation mode with the OS in comparator
mode, temperature threshold of 80
C and hysteresis of 75 C, so that it can be used
as a stand-alone thermostat with those pre-defined temperature set points.
UMW
LM75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com