Electronic Components Datasheet Search
  English  ▼

X  

LM75BDP Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BDP
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BDP Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM75BDP Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
Features and benefits
Pin-for-pin replacement for industry standard LM75 and LM75A and offers improved
temperature resolution of 0.125
C and specification of a single part over power supply
range from 2.8 V to 5.5 V
I2C-bus interface with up to 8 devices on the same bus
Power supply range from 2.8 V to 5.5 V
Temperatures range from
55 C to +125 C
UMW
LM75B
 
www.umw-ic.com
1
友台半导体有限公司
Frequency range 20 Hz to 400 kHz with bus fault time-out to prevent hanging up the
bus
11-bit ADC that offers a temperature resolution of 0.125
C
Temperature accuracy of:
 ±
0.5
C from C to +50 C
 ±
1
C from 25 C to +100 C
 ±
1.5
C from 55 C to +125 C
Programmable temperature threshold and hysteresis set points
Supply current of 1.0
A in shutdown mode for power conservation
Stand-alone operation as thermostat at power-up
ESD protection exceeds 4000 V HBM per JESD22-A114 and 2000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 
2.
Applications
 
System thermal management
Personal computers
Electronics equipment
Industrial controllers
 
Type
number
Topside
mark
Package
Name
Description
Version
3.
Ordering information
 
Table 1.
Ordering information
 
 
 
LM75BD
LM75BD
SOP8
plastic small outline package; 8 leads;
V1.0
LM75BDP
LM75B
MSOP8
plastic thin shrink small outline package; 8 leads;
V1.0


Similar Part No. - LM75BDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75BDP NXP-LM75BDP Datasheet
163Kb / 29P
Digital temperature sensor and thermal watchdog
Rev. 02-9 December 2008
LM75BDP NXP-LM75BDP Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75BDP,118 NXP-LM75BDP,118 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75BDP/DG,118 NXP-LM75BDP/DG,118 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results

Similar Description - LM75BDP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
48 Lead Molded Thin Shrink Small Outline Package, JEDEC
logo
NXP Semiconductors
SOT340-1 PHILIPS-SOT340-1 Datasheet
11Kb / 1P
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
2003 Mar 24
logo
National Semiconductor ...
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
NXP Semiconductors
SOT765-1 PHILIPS-SOT765-1 Datasheet
13Kb / 1P
plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
2002 Jun 07
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
STMicroelectronics
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
14-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com