Electronic Components Datasheet Search
  English  ▼

X  

LM75BDP Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BDP
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BDP Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM75BDP Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
7.2 I2C-bus serial interface
 
The LM75B can be connected to a compatible 2-wire serial interface I2C-bus as a
slave device under the control of a controller or master device, using two device terminals,
SCL and SDA. The controller must provide the SCL clock signal and write/read data
to/from the device through the SDA terminal. Notice that if the I2C-bus common pull-up
resistors have not been installed as required for I2C-bus, then an external pull-up resistor,
about 10 k
, is needed for each of these two terminals. The bus communication protocols
are described in Section 7.10.
 
7.2.1 Bus fault time-out
 
If the SDA line is held LOW for longer than tto (75 ms minimum / 13.3 Hz; guaranteed at
50 ms minimum / 20 Hz), the LM75B will reset to the idle state (SDA released) and wait
for a new START condition. This ensures that the LM75B will never hang up the
bus should there be conflict in the transmission sequence.
 
7.3 Slave address
 
The LM75B slave address on the I2C-bus is partially defined by the logic applied to the
device address pins A2, A1 and A0. Each of them is typically connected either to GND for
logic 0, or to VCC for logic 1. These pins represent the three LSB bits of the device 7-bit
address. The other four MSB bits of the address data are preset to ‘1001’ by hard wiring
inside the LM75B . Table 4 shows the device’s complete address and indicates that up to
8 devices can be connected to the same bus without address conflict. Because the input
pins, SCL, SDA and A2 to A0, are not internally biased, it is important that they should not
be left floating in any application.
 
Table 4.
Address table
1 = HIGH; 0 = LOW.
MSB
LSB
1
0
0
1
A2
A1
A0
 
 
7.4 Register list
 
The LM75B contains four data registers beside the pointer register as listed in Ta ble
5. The pointer value, read/write capability and default content at power-up of the
registers are also shown in Table 5.
 
Table 5.
Register table
Register
name
Pointer
value
R/W
POR
state
Description
Conf
01h
R/W
00h
Configuration register: contains a single 8-bit data
byte; to set the device operating condition; default = 0.
Temp
00h
read only
n/a
Temperature register: contains two 8-bit data bytes;
to store the measured Temp data.
Tos
03h
R/W
5000h
Over temperature shutdown threshold register:
contains two 8-bit data bytes; to store the over
temperature shutdown Tth(ots) limit;
default = 80
C.
Thyst
02h
R/W
4B00h
Hysteresis register: contains two 8-bit data bytes;
to store the hysteresis Thys limit; default = 75 C.
 
www.umw-ic.com
6
友台半导体有限公司
 
 
UMW
LM75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com