Electronic Components Datasheet Search
  English  ▼

X  

LMV721 Datasheet(PDF) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV721 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 18Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SOP-8
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.370
1.670
0.056
0.068
A1
0.070
0.170
0.003
0.007
A2
1.300
1.500
0.053
0.061
b
0.306
0.506
0.013
0.021
C
0.203 typ.
0.008 typ.
D
4.700
5.100
0.192
0.208
E
3.820
4.020
0.156
0.164
E1
5.800
6.200
0.237
0.253
e
1.270 typ.
0.050 typ.
L
0.450
0.750
0.018
0.306
θ
0°
8°
0°
8°
www.umw-ic.com
16
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R
Package Information
TSSOP-8
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Nom
Max
A
-
-
1.200
A1
0.050
-
0.150
A2
0.900
1.000
1.050
A3
0.390
0.440
0.490
b
0.200
-
0.280
C
0.130
-
0.170
D
2.900
3.000
3.100
E
6.200
6.400
6.600
E1
4.300
4.400
4.500
e
0.65BSC
L
0.450
-
0.750
L1
1.000 ref
θ
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com