Electronic Components Datasheet Search
  English  ▼

X  

LMV721 Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV721 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Notes
Ground Sensing And Rail To Rail
The input common-mode voltage range of the LMV72xA series extends 300mV
beyond
the supply rails. This is achieved with a complementary input stage—a N-channel input
differential pair in parallel with a P-channel differential pair. For normal operation, inputs
should be limited to this range. The absolute maximum input voltage is 500mV beyond the
supplies. Inputs greater than the input common-mode range but less than the maximum input
voltage, while not valid, will not cause any damage to the op-amp. Unlike some other op-
amps, if input current is limited, the inputs may go beyond the supplies without phase
inversion, as shown in Figure 13. Since the input common-mode range extends from (VS− −
0.1V) to (VS+ + 0.1V), the LMV72xA op-amps can easily perform ‘true ground’ sensing.
Fig. 13 No Phase Inversion with Inputs Greater Than the Power-Supply Voltage
A topology of class AB output stage with common-source transistors is used to achieve
rail-to-rail output. For light resistive loads (e.g. 100kΩ), the output voltage can typically
swing to within 5mV from the supply rails. With moderate resistive loads (e.g. 10kΩ), the
output can typically swing to within 10mV from the supply rails and maintain high open-loop
gain.
The maximum output current is a function of total supply voltage. As the supply voltage
to the amplifier increases, the output current capability also increases. Attention must be paid
to keep the junction temperature of the IC below 150℃ when the output is in continuous
short-circuit. The output of the amplifier has reverse-biased ESD diodes connected to each
supply. The output should not be forced more than 0.5V beyond either supply, otherwise
current will flow through these diodes.
Capacitive Load And Stability
The LMV72xA can directly drive 1nF in unity-gain without oscillation. The unity-
gain
follower (buffer) is the most sensitive configuration to capacitive loading.
www.umw-ic.com
9
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com