Electronic Components Datasheet Search
  English  ▼

X  

LBE2003S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LBE2003S Datasheet HTML 2Page - NXP Semiconductors LBE2003S Datasheet HTML 3Page - NXP Semiconductors LBE2003S Datasheet HTML 4Page - NXP Semiconductors LBE2003S Datasheet HTML 5Page - NXP Semiconductors LBE2003S Datasheet HTML 6Page - NXP Semiconductors LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors LBE2003S Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Mar 03
6
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Table 1
Scattering parameters LBE2003S: VCE = 18 V; IC = 30 mA (VCE and IC regulated); Tmb =25 °C; Zo =50 Ω;
typical values. (The figures given between brackets are values in dB).
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
500
0.56
−143
0.037 (
−28.6)
41
9.50 (19.6)
101
0.56
−34
600
0.55
−154
0.040 (
−28.0)
39
8.28 (18.4)
93
0.51
−35
700
0.55
−164
0.040 (
−27.9)
40
7.13 (17.1)
88
0.50
−36
800
0.55
−171
0.041 (
−27.7)
40
6.35 (16.1)
82
0.49
−37
900
0.55
−178
0.043 (
−27.4)
41
5.69 (15.1
77
0.47
−38
1000
0.55
176
0.045 (
−26.9)
40
5.14 (14.2
72
0.46
−39
1100
0.55
170
0.048 (
−26.4)
40
4.72 (13.5
68
0.46
−39
1200
0.55
165
0.051 (
−25.9)
41
4.37 (12.8
64
0.45
−41
1300
0.56
159
0.056 (
−25.1)
41
4.05 (12.2
60
0.44
−44
1400
0.55
158
0.060 (
−24.5)
41
3.76 (11.5
57
0.45
−46
1500
0.55
149
0.062 (
−24.2)
40
3.52 (10.9
53
0.43
−48
1600
0.55
146
0.065 (
−23.8)
42
3.33 (10.5
50
0.43
−50
1700
0.56
142
0.068 (
−23.3)
42
3.15 (10.0
46
0.43
−53
1800
0.57
137
0.070 (
−23.1)
41
2.96 (9.4)
42
0.43
−54
1900
0.57
132
0.072 (
−22.9)
40
2.80 (8.9)
39
0.43
−56
2000
0.58
128
0.074 (
−22.7)
40
2.66 (8.5)
36
0.42
−57
2200
0.60
121
0.081 (
−21.8)
39
2.43 (7.7)
28
0.41
−61
2400
0.62
114
0.091 (
−20.8)
37
2.24 (7.0)
23
0.40
−67
2600
0.64
108
0.099 (
−20.1)
36
2.08 (6.4)
16
0.39
−75
2800
0.66
102
0.105 (
−19.6)
33
1.90 (5.6)
10
0.38
−82
3000
0.68
96
0.108 (
−19.4)
31
1.79 (5.1)
4
0.39
−87
3200
0.71
92
0.124 (
−18.7)
29
1.63 (4.3)
−2
0.37
−94
3400
0.73
89
0.125 (
−18.0)
27
1.58 (4.0)
−7
0.40
−101
3600
0.75
86
0.137 (
−17.3)
25
1.46 (3.3)
−13
0.39
−112
3800
0.76
82
0.142 (
−17.0)
23
1.40 (2.9)
−18
0.38
−120
4000
0.77
79
0.149 (
−16.6)
20
1.31 (2.3)
−24
0.38
−128
4200
0.78
75
0.155 (
−16.2)
17
1.25 (1.9)
−28
0.38
−133
4400
0.80
73
0.167 (
−15.5)
15
1.20 (1.6)
−34
0.39
−142
4600
0.81
69
0.177 (
−15.0)
12
1.14 (1.1)
−38
0.39
−151
4800
0.81
68
0.187 (
−14.6)
10
1.10 (0.8)
−43
0.42
−159
5000
0.81
65
0.194 (
−14.3)
6
1.04 (0.4)
−47
0.44
−165
5200
0.80
60
0.203 (
−13.8)
4
1.03 (0.3)
−53
0.47
−169
5400
0.81
56
0.219 (
−13.2)
−1
0.98 (
−0.2)
−57
0.48
−175
5600
0.81
51
0.229 (
−12.8)
−3
0.97 (
−0.3)
−62
0.49
−178
5800
0.81
48
0.243 (
−12.3)
−8
0.92 (
−0.7)
−68
0.51
−171
6000
0.80
44
0.245 (
−12.2)
−12
0.90 (
−0.9)
−72
0.55
−165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com