Electronic Components Datasheet Search
  English  ▼

X  

LBE2003S Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors LBE2003S Datasheet HTML 10Page - NXP Semiconductors LBE2003S Datasheet HTML 11Page - NXP Semiconductors LBE2003S Datasheet HTML 12Page - NXP Semiconductors LBE2003S Datasheet HTML 13Page - NXP Semiconductors LBE2003S Datasheet HTML 14Page - NXP Semiconductors LBE2003S Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1997 Mar 03
11
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Fig.11 Load power as a function of input power.
f = 2 GHz; Tmb =25 °C.
VCE = 18 V; IC = 110 mA.
(1) Gpo = 9.8 dB.
handbook, halfpage
1
(1)
0
Pi (mW)
50
150
0
100
PL
(W)
0.5
MGD994
PL1
Fig.12 s12 as a function of collector current.
handbook, halfpage
0
IC (mA)
50
150
0
100
MGD995
8
4
typ
S12
(dB)
Class-A operation.
f = 2 GHz; Tmb =25 °C; VCE =18V.
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com