Electronic Components Datasheet Search
  English  ▼

X  

LBE2003S Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors LBE2003S Datasheet HTML 10Page - NXP Semiconductors LBE2003S Datasheet HTML 11Page - NXP Semiconductors LBE2003S Datasheet HTML 12Page - NXP Semiconductors LBE2003S Datasheet HTML 13Page - NXP Semiconductors LBE2003S Datasheet HTML 14Page - NXP Semiconductors LBE2003S Datasheet HTML 15Page - NXP Semiconductors LBE2003S Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1997 Mar 03
12
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
PACKAGE OUTLINES
UNIT
A
max.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
2.4
SOT441A
97-02-28
b
L
D
3.38
3.08
b
3.2
b1
0.75
c
0.125
Q
α
1.3
1.0
D1
5.28
5.12
6
L
min.
90
°
0
5
10 mm
scale
Q
A
seating plane
D
D1
c
1
4
3
2
Studless ceramic package; 4 leads
SOT441A
L
b1
DIMENSIONS (mm are the original dimensions)
Note
1. This device corporates naked beryllium oxide, the dust of witch is toxic.
α
AI2O3
BeO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com