Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # DL161
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 4 Page - Advanced Micro Devices

  DL161 Datasheet HTML 1Page - Advanced Micro Devices DL161 Datasheet HTML 2Page - Advanced Micro Devices DL161 Datasheet HTML 3Page - Advanced Micro Devices DL161 Datasheet HTML 4Page - Advanced Micro Devices DL161 Datasheet HTML 5Page - Advanced Micro Devices DL161 Datasheet HTML 6Page - Advanced Micro Devices DL161 Datasheet HTML 7Page - Advanced Micro Devices DL161 Datasheet HTML 8Page - Advanced Micro Devices DL161 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Am41DL16x4D
3
P R E L IMINARY
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 5
MCP Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . 5
Flash Memory Block Diagram. . . . . . . . . . . . . . . . 6
Connection Diagram . . . . . . . . . . . . . . . . . . . . . . . . 7
Special Handling Instructions for FBGA Package .................... 7
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 9
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 10
Table 1. Device Bus Operations—Flash Word Mode, CIOf = V
IH;
SRAM Word Mode, CIOs = VCC ..................................................... 11
Table 2. Device Bus Operations—Flash Word Mode, CIOf = V
IH;
SRAM Byte Mode, CIOs = V
SS
......................................................12
Table 3. Device Bus Operations—Flash Byte Mode, CIOf = V
SS;
SRAM Word Mode, CIOs = VCC .....................................................13
Table 4. Device Bus Operations—Flash Byte Mode, CIOf = V
IL; SRAM
Byte Mode, CIOs = V
SS ..................................................................14
Word/Byte Configuration ....................................................... 15
Requirements for Reading Array Data ................................... 15
Writing Commands/Command Sequences ............................ 15
Accelerated Program Operation .......................................... 15
Autoselect Functions ........................................................... 15
Simultaneous Read/Write Operations with Zero Latency ....... 15
Standby Mode ........................................................................ 16
Automatic Sleep Mode ........................................................... 16
RESET#: Hardware Reset Pin ............................................... 16
Output Disable Mode .............................................................. 16
Table 5. Device Bank Division ........................................................16
Table 6. Sector Addresses for Top Boot Sector Devices ............... 17
Table 7. SecSi Sector Addresses for Top Boot Devices ................17
Table 8. Sector Addresses for Bottom Boot Sector Devices ...........18
Table 9. SecSi
 Addresses for Bottom Boot Devices ..................18
Autoselect Mode ..................................................................... 19
Table 10. Top Boot Sector/Sector Block Addresses for Protection/Un-
protection ........................................................................................19
Table 11. Bottom Boot Sector/Sector Block Addresses
for Protection/Unprotection .............................................................19
Write Protect (WP#) ................................................................ 19
Temporary Sector/Sector Block Unprotect ............................. 20
Figure 1. Temporary Sector Unprotect Operation........................... 20
Figure 2. In-System Sector/Sector Block Protect and Unprotect Algo-
rithms .............................................................................................. 21
SecSi (Secured Silicon) Sector Flash Memory Region .......... 22
Factory Locked: SecSi Sector Programmed and Protected At
the Factory .......................................................................... 22
Customer Lockable: SecSi Sector NOT Programmed or Pro-
tected At the Factory ........................................................... 22
Hardware Data Protection ...................................................... 22
Low V
CC Write Inhibit ........................................................... 22
Write Pulse “Glitch” Protection ............................................ 23
Logical Inhibit ...................................................................... 23
Power-Up Write Inhibit ......................................................... 23
Common Flash Memory Interface (CFI) . . . . . . . 23
Table 12. CFI Query Identification String........................................ 23
System Interface String................................................................... 24
Table 14. Device Geometry Definition ............................................ 24
Table 15. Primary Vendor-Specific Extended Query ...................... 25
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 26
Reading Array Data ................................................................ 26
Reset Command ..................................................................... 26
Autoselect Command Sequence ............................................ 26
Enter SecSi Sector/Exit SecSi Sector Command Sequence .. 27
Byte/Word Program Command Sequence ............................. 27
Unlock Bypass Command Sequence .................................. 27
Figure 3. Program Operation ......................................................... 28
Chip Erase Command Sequence ........................................... 28
Sector Erase Command Sequence ........................................ 28
Erase Suspend/Erase Resume Commands ........................... 29
Figure 4. Erase Operation.............................................................. 29
Table 16. Command Definitions (Flash Word Mode) ...................... 30
Table 17. Autoselect Device IDs (Word Mode) .............................. 30
Table 18. Command Definitions (Flash Byte Mode) ....................... 31
Table 19. Autoselect Device IDs (Byte Mode) ............................... 31
Write Operation Status . . . . . . . . . . . . . . . . . . . . 32
DQ7: Data# Polling ................................................................. 32
Figure 5. Data# Polling Algorithm .................................................. 32
RY/BY#: Ready/Busy# ............................................................ 33
DQ6: Toggle Bit I .................................................................... 33
Figure 6. Toggle Bit Algorithm........................................................ 33
DQ2: Toggle Bit II ................................................................... 34
Reading Toggle Bits DQ6/DQ2 ............................................... 34
DQ5: Exceeded Timing Limits ................................................ 34
DQ3: Sector Erase Timer ....................................................... 34
Table 20. Write Operation Status ................................................... 35
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 36
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 36
Industrial (I) Devices ............................................................ 36
V
CCf/VCCs Supply Voltage ................................................... 36
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 37
CMOS Compatible .................................................................. 37
SRAM DC and Operating Characteristics . . . . . 38
Zero-Power Flash ................................................................. 39
Figure 9. I
CC1 Current vs. Time (Showing Active and Automatic Sleep
Currents) ........................................................................................ 39
Figure 10. Typical ICC1 vs. Frequency ............................................ 39
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 11. Test Setup.................................................................... 40
Table 21. Test Specifications ......................................................... 40
Key To Switching Waveforms . . . . . . . . . . . . . . . 40
Figure 12. Input Waveforms and Measurement Levels ................. 40
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 41
SRAM CE#s Timing ................................................................ 41
Figure 13. Timing Diagram for Alternating Between
SRAM to Flash ............................................................................... 41
Flash Read-Only Operations ................................................. 42
Figure 14. Read Operation Timings ............................................... 42
Hardware Reset (RESET#) .................................................... 43
Figure 15. Reset Timings ............................................................... 43
Flash Word/Byte Configuration (CIOf) .................................... 44
Figure 16. CIOf Timings for Read Operations................................ 44
Figure 17. CIOf Timings for Write Operations................................ 44
Flash Erase and Program Operations .................................... 45
Figure 18. Program Operation Timings.......................................... 46
Figure 19. Accelerated Program Timing Diagram.......................... 46
Figure 20. Chip/Sector Erase Operation Timings .......................... 47
Figure 21. Back-to-back Read/Write Cycle Timings ...................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com