Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # DL161
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 5 Page - Advanced Micro Devices

  DL161 Datasheet HTML 1Page - Advanced Micro Devices DL161 Datasheet HTML 2Page - Advanced Micro Devices DL161 Datasheet HTML 3Page - Advanced Micro Devices DL161 Datasheet HTML 4Page - Advanced Micro Devices DL161 Datasheet HTML 5Page - Advanced Micro Devices DL161 Datasheet HTML 6Page - Advanced Micro Devices DL161 Datasheet HTML 7Page - Advanced Micro Devices DL161 Datasheet HTML 8Page - Advanced Micro Devices DL161 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
4
Am41DL16x4D
P R E L IMINARY
Figure 22. Data# Polling Timings (During Embedded Algorithms).. 48
Figure 23. Toggle Bit Timings (During Embedded Algorithms)....... 49
Figure 24. DQ2 vs. DQ6.................................................................. 49
Temporary Sector/Sector Block Unprotect ............................. 50
Figure 25. Temporary Sector/Sector Block Unprotect
Timing Diagram............................................................................... 50
Figure 26. Sector/Sector Block Protect and Unprotect
Timing Diagram............................................................................... 51
Alternate CE#f Controlled Erase and Program Operations .... 52
Figure 27. Flash Alternate CE#f Controlled Write (Erase/Program) Op-
eration Timings................................................................................ 53
SRAM Read Cycle .................................................................. 54
Figure 28. SRAM Read Cycle—Address Controlled....................... 54
Figure 29. SRAM Read Cycle ......................................................... 55
SRAM Write Cycle .................................................................. 56
Figure 30. SRAM Write Cycle—WE# Control ................................. 56
Figure 31. SRAM Write Cycle—CE1#s Control ............................. 57
Figure 32. SRAM Write Cycle—UB#s and LB#s Control ............... 58
Flash Erase And Programming Performance
. 59
Flash Latchup Characteristics. . . . . . . . . . . . . . . 59
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 59
FLASH Data Retention . . . . . . . . . . . . . . . . . . . . . 59
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 60
Figure 33. CE1#s Controlled Data Retention Mode....................... 60
Figure 34. CE2s Controlled Data Retention Mode......................... 60
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 61
FLA069—69-Ball Fine-Pitch Grid Array 8 x 11 mm ............... 61
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 62
Revision A (October 24, 2001) ............................................... 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com