Electronic Components Datasheet Search
  English  ▼

X  

DL162 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # DL162
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL162 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button DL162 Datasheet HTML 42Page - Advanced Micro Devices DL162 Datasheet HTML 43Page - Advanced Micro Devices DL162 Datasheet HTML 44Page - Advanced Micro Devices DL162 Datasheet HTML 45Page - Advanced Micro Devices DL162 Datasheet HTML 46Page - Advanced Micro Devices DL162 Datasheet HTML 47Page - Advanced Micro Devices DL162 Datasheet HTML 48Page - Advanced Micro Devices DL162 Datasheet HTML 49Page - Advanced Micro Devices DL162 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Am41DL16x4D
45
P R E L IMINARY
AC CHARACTERISTICS
Flash Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
Speed Options
Unit
JEDEC
Std
Description
Min
70
85
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
Min
0
ns
t
ASO
Address Setup Time to OE# or
CE#f low during toggle bit
polling
Min
15
ns
tWLAX
tAH
Address Hold Time (WE# to Address)
Min
45
ns
t
AHT
Address Hold Time From CE#f or OE# high during toggle bit
polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
35
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
tOEH
OE# Hold Time
Read
Min
0
ns
Toggle and Data# Polling
Min
10
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write (OE# High to CE#f Low)
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time (CE#f to WE#)
Min
0
ns
tELWL
tCS
CE#f Setup Time (WE# to CE#f)
Min
0
ns
t
EHWH
t
WH
WE# Hold Time (CE#f to WE#)
Min
0
ns
tWHEH
tCH
CE#f Hold Time (CE#f to WE#)
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
30
35
ns
tELEH
tCP
CE#f Pulse Width
Min
30
35
ns
t
WHDL
t
WPH
Write Pulse Width High
Min
0
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
t
WHWH1
t
WHWH1
Programming Operation (Note 2)
Typ
7
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 2)
Typ
4
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.7
sec
tVCS
VCCf Setup Time (Note 1)
Min
50
µs
t
RB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com