Electronic Components Datasheet Search
  English  ▼

X  

DL162 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # DL162
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL162 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button DL162 Datasheet HTML 5Page - Advanced Micro Devices DL162 Datasheet HTML 6Page - Advanced Micro Devices DL162 Datasheet HTML 7Page - Advanced Micro Devices DL162 Datasheet HTML 8Page - Advanced Micro Devices DL162 Datasheet HTML 9Page - Advanced Micro Devices DL162 Datasheet HTML 10Page - Advanced Micro Devices DL162 Datasheet HTML 11Page - Advanced Micro Devices DL162 Datasheet HTML 12Page - Advanced Micro Devices DL162 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
8
Am41DL16x4D
P R E L IMINARY
PIN DESCRIPTION
A17–A0
= 18 Address Inputs (Common)
A–1, A19–A18 = 3 Address Inputs (Flash)
SA
= Highest Order Address Input
(SRAM) Byte mode
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f
= Chip Enable (Flash)
CE#s
= Chip Enable (SRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output
UB#s
= Upper Byte Control (SRAM)
LB#s
= Lower Byte Control (SRAM)
CIOf
= I/O Configuration (Flash)
CIOf = V
IH = Word mode (x16),
CIOf = V
IL = Byte mode (x8)
CIOs
= I/O Configuration (SRAM)
CIOs = V
IH = Word mode (x16),
CIOs = V
IL = Byte mode (x8)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
V
CCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
V
CCs
= SRAM Power Supply
V
SS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
18
16 or 8
DQ15–DQ0
A0–A17
CE#f
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
SA
A–1, A18–A19
LB#s
CIOf
CIOs
CE1#s
CE2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com