Electronic Components Datasheet Search
  English  ▼

X  

DL162 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # DL162
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL162 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button DL162 Datasheet HTML 10Page - Advanced Micro Devices DL162 Datasheet HTML 11Page - Advanced Micro Devices DL162 Datasheet HTML 12Page - Advanced Micro Devices DL162 Datasheet HTML 13Page - Advanced Micro Devices DL162 Datasheet HTML 14Page - Advanced Micro Devices DL162 Datasheet HTML 15Page - Advanced Micro Devices DL162 Datasheet HTML 16Page - Advanced Micro Devices DL162 Datasheet HTML 17Page - Advanced Micro Devices DL162 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Am41DL16x4D
13
P R E L IMINARY
Table 3.
Device Bus Operations—Flash Byte Mode, CIOf = V
SS; SRAM Word Mode, CIOs = VCC
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = SRAM Address
Input, Byte Mode, SADD = Flash Sector Address, AIN = Address In (for Flash Byte Mode, DQ15 = A-1), DIN = Data In, DOUT =
Data Out
Notes:
1. Other operations except for those indicated in this column are inhibited.
2. Do not apply CE#f = VIL, CE1#s = VIL and CE2s = VIH at the same time.
3. Don’t care or open LB#s or UB#s.
4. If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC = VIH the boot sectors protection will be removed.
If WP#/ACC = VACC (9V), the program time will be reduced by 40%.
5. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “The autoselect
mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on
DQ7–DQ0. The autoselect codes can be accessed in-system through the command register. Refer to the Autoselect Command
Sequence section for more information.Sector/Sector Block Protection and Unprotection” section.
6. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “The autoselect mode provides
manufacturer and device identification, and sector protection verification, through identifier codes output on DQ7–DQ0. The
autoselect codes can be accessed in-system through the command register. Refer to the Autoselect Command Sequence section
for more information.Sector/Sector Block Protection and Unprotection”. If WP#/ACC = VHH, all sectors will be unprotected.
Operation
(Notes 1, 2)
CE#f CE1#s CE2s OE# WE#
SA
Addr.
LB#s
(Note 3)
UB#s
(Note 3)
RESET#
WP#/ACC
(Note 4)
DQ7–
DQ0
DQ15–
DQ8
Read from Flash
L
HX
LH
X
A
IN
XXH
L/H
D
OUT
High-Z
XL
Write to Flash
L
HX
HL
X
A
IN
XXH
(Note 3)
D
IN
High-Z
XL
Standby
VCC ±
0.3 V
HX
XXX
X
X
X
VCC ±
0.3 V
H
High-Z
High-Z
XL
Output Disable
L
L
H
H
H
X
X
LX
H
L/H
High-Z
High-Z
XL
Flash Hardware
Reset
X
HX
X
X
X
X
X
X
L
L/H
High-Z
High-Z
XL
Sector Protect
(Note 5)
L
HX
HL
X
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
L/H
D
IN
X
XL
Sector
Unprotect
(Note 5)
L
HX
HL
X
SADD,
A6 = L,
A1 = H,
A0 = L
XX
V
ID
(Note 6)
D
IN
X
XL
Temporary
Sector
Unprotect
X
Hx
XXX
AIN
XX
VID
(Note 6)
DIN
High-Z
XL
Read from
SRAM
HL
H
L
H
X
A
IN
LL
HX
D
OUT
D
OUT
HL
High-Z
D
OUT
LH
D
OUT
High-Z
Write to SRAM
H
L
H
X
L
X
A
IN
LL
HX
D
IN
D
IN
HL
High-Z
D
IN
LH
D
IN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com