Electronic Components Datasheet Search
  English  ▼

X  

PL3536 Datasheet(PDF) 5 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3536
Description  High-precision constant voltage/constant current, primary side control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3536 Datasheet(HTML) 5 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3536 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Datasheet
Datasheet
Datasheet
Datasheet
PL3536
PL3536
PL3536
PL3536
V1.0 © 2011
www.pmicro.com.cn
5
8
8
8
8
电气特性
(无特殊说明,其测试条件为:VDD =16V, TA = 25℃)
参数
符号
测试条件
最小
典型
最大
单位
电源电压 (VDD)
启动电流
I DD_sd
VDD=16V
1.1
20
uA
工作电流
I DD_op
FB=2V, CS=0V,
VDD=20V
1
1.5
mA
VDD 进入欠压阈值
UVLO(ON)
VDD 下降
8.1
9.0
9.8
V
VDD 退出欠压阈值
UVLO(OFF)
VDD 上升
13.5
14.5
15.5
V
VDD 过压阈值
OVP
VDD 上升直到栅极
关断
26
27.5
29
V
VDD 齐纳击穿电压
VDD_zb
IDD=10mA
30
32.5
35
V
频率 (FOSC)
IC 最大频率
Freq_Max
55
60
65
KHz
频率抖动范围
△f/Freq
+/-5
%
电流检测 (SENSE)
导通 LEB 时间
TLEB
500
ns
过流阈值
Vocp
980
1000
1020
mV
输入阻抗
ZSENSE
100
Kohm
软启动
T_sst
10
ms
恒流/恒压控制 (CC/CV)
EA 的基准电压
Vref_EA
1.98
2
2.02
V
EA 的直流增益
Gain
70
dB
最大输出线补偿电流
I_CMP_MAX
FB=2V, CMP=0V
38
uA
采样端 LEB 时间
SLEB
2
us
功率 MOSFET
MOSFET 漏源击穿电压
BVdss
600
V
导通电阻
Rdson
Static, Id=0.5A
4.6
Ώ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com