Electronic Components Datasheet Search
  English  ▼

X  

PL3536 Datasheet(PDF) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3536
Description  High-precision constant voltage/constant current, primary side control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3536 Datasheet(HTML) 1 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3536 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3536 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
V1.0 © 2011
www.pmicro.com.cn
1
芯片概述:
PL3536 是一款高效率、高集成度、原边调节的 PWM 功率
开关,其主要应用于小于 15W 的 AC/DC 反激式开关电源。
PL3536 通过去除光耦以及次级控制电路,简化了充电器 /
适配器等传统的恒流/恒压的设计,从而实现高精度的电压
和电流调节,调节波形如下图 1 所示。
PL3536 的复合模式的应用使得芯片能够实现低静态功耗、
低音频噪音、高效率。内置的频率抖动可以很好的降低芯片
的 EMI 以及 EMI 滤波成本,而且高集成的功率 MOSFET
能够降低外部 PCB 的面积以及系统的成本。
PL3536 同时具有多种保护功能:逐周期峰值电流检测、欠
压保护、过压保护、VDD 钳位、过载保护等。
图 1 典型的恒流/恒压波形
管脚分布图:
PL3536
PL3536
PL3536
PL3536
高精度恒压////恒流、原边控制
PWM
PWM
PWM
PWM功率开关
主要特点:
•
内置高集成度的功率MOSFET
•
+/-5%恒压调节
•
全电压范围内实现高精度电流调节
•
去除光耦和次级控制电路
•
内置高精度恒流调节的线电压补偿
•
内置变压器电感补偿
•
可编程的输出线补偿
•
内置可提高效率的自适应多模式
PWM/PFM控制
•
低启动电流
•
内置软启动
•
内置前沿消隐
•
逐周期电流限制
•
欠压保护
•
内置短路保护以及输出过压保护
应用:
•
手机/无绳电话充电器
•
数码相机充电器
•
小功率电源适配器
•
LED驱动
•
消费类的备用电源


Similar Part No. - PL3536

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL3530GP YENYO-PL3530GP Datasheet
651Kb / 2P
Glass Passivated Auto Rectifier
PL3530JP YENYO-PL3530JP Datasheet
643Kb / 2P
Polyimide Passivated Auto Rectifier
More results

Similar Description - PL3536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
CHIPLINK SEMICONDUCTOR
CL1221 CHIPLINK-CL1221 Datasheet
361Kb / 6P
Primary side control high precision constant current controller
2012-11-27
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com